Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 12Page - STMicroelectronics STA311B Datasheet HTML 13Page - STMicroelectronics STA311B Datasheet HTML 14Page - STMicroelectronics STA311B Datasheet HTML 15Page - STMicroelectronics STA311B Datasheet HTML 16Page - STMicroelectronics STA311B Datasheet HTML 17Page - STMicroelectronics STA311B Datasheet HTML 18Page - STMicroelectronics STA311B Datasheet HTML 19Page - STMicroelectronics STA311B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
Electrical characteristics
STA311B
16/102
DocID024340 Rev 1
3.4
Electrical specifications
The following specifications are valid for VDD =3.3 V ± 0.3 V, VSA=0V and Tamb =25 °C,
unless otherwise stated.
Table 6. General interface electrical specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Iil
Low-level input, no pull-up
Vi = 0 V
1
µA
Iih
High-level input, no pull-down
Vi = VDD
2µA
IOZ
Tristate output leakage without
pull-up/down
Vi = VDD
2µA
Vesd
Electrostatic protection
(human body model)
Leakage < 1
A
2000
V
Table 7. DC electrical characteristics: 3.3-V buffers
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low-level input voltage
0.8
V
VIH
High-level input voltage
2.0
V
VILhyst
Low-level threshold
Input falling
0.8
1.35
V
VIHhyst
High-level threshold
Input rising
1.3
2.0
V
Vhyst
Schmitt trigger hysteresis
0.3
0.8
V
Vol
Low-level output
IoI = 100 µA
0.2
V
Voh
High-level output
Ioh = -100 µA
VDD-
0.2
V
Ioh = -2 mA
2.4
V
Idd
Quiescent current
Reset conditions
15
mA
Normal conditions with CKOUT
60
mA
fCKOUT
Reset=1
PWDN=1
2.85
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com