Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 8Page - STMicroelectronics STA311B Datasheet HTML 9Page - STMicroelectronics STA311B Datasheet HTML 10Page - STMicroelectronics STA311B Datasheet HTML 11Page - STMicroelectronics STA311B Datasheet HTML 12Page - STMicroelectronics STA311B Datasheet HTML 13Page - STMicroelectronics STA311B Datasheet HTML 14Page - STMicroelectronics STA311B Datasheet HTML 15Page - STMicroelectronics STA311B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
Device overview
STA311B
12/102
DocID024340 Rev 1
Table 2. Pin description
Pin
Type
Name
Description
1
5-V tolerant TTL input buffer
MVO/DSD_CLK
Master volume override/
DSD input clock
2
Reserved
RES
Connect to GND
5
5-V tolerant TTL input buffer
SDI_78/DSD_6
Input serial data channels 7 & 8/
DSD input channel 6
6
5-V tolerant TTL input buffer
SDI_56/DSD_5
Input serial data channels 5 & 6/
DSD input channel 5
7
5-V tolerant TTL input buffer
SDI_34/DSD_4
Input serial data channels 3 & 4/
DSD input channel 4
8
5-V tolerant TTL input buffer
SDI_12/DSD_3
Input serial data channels 1 & 2/
DSD input channel 3
9
5-V tolerant TTL input buffer
LRCKI/DSD_2
Input left/right clock/
DSD input channel 2
10
5-V tolerant TTL input buffer
BICKI/DSD_1
Input serial clock/
DSD input channel 1
18
5-V tolerant TTL Schmitt trigger input
buffer
RESETN
Global reset
14
Reserved
RES
Connect to GND
15
1.8V CMOS input buffer with pull-down
SA
Select address (I²C)
16
Bidirectional buffer: 5-V tolerant TTL
Schmitt trigger input; 3.3-V capable 2 mA
slew-rate controlled output.
SDA
Serial data (I²C)
17
5-V tolerant TTL Schmitt trigger input
buffer
SCL
Serial clock (I²C)
18
5-V tolerant TTL Schmitt trigger input
buffer
XTI
Crystal oscillator input (clock input)
19
Not connected
NC
Reserved
20
Analog ground
GNDA
PLL ground
22
3.3-V capable TTL tristate 4 mA output
buffer
CKOUT
Clock output
25
3.3-V capable TTL 2 mA output buffer
OUT8B
PWM channel 8 output B
26
3.3-V capable TTL 2 mA output buffer
OUT8A
PWM channel 8 output A
27
3.3-V capable TTL 2 mA output buffer
OUT7B
PWM channel 7 output B
28
3.3-V capable TTL 2 mA output buffer
OUT7A
PWM channel 7 output A
29
3.3-V capable TTL 2 mA output buffer
OUT6B
PWM channel 6 output B
30
3.3-V capable TTL 2 mA output buffer
OUT6A
PWM channel 6 output A
33
3.3-V capable TTL 2 mA output buffer
OUT5B
PWM channel 5 output B
34
3.3-V capable TTL 2 mA output buffer
OUT5A
PWM channel 5 output A
35
3.3-V capable TTL 2 mA output buffer
OUT4B
PWM channel 4 output B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com