Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 45Page - STMicroelectronics STA311B Datasheet HTML 46Page - STMicroelectronics STA311B Datasheet HTML 47Page - STMicroelectronics STA311B Datasheet HTML 48Page - STMicroelectronics STA311B Datasheet HTML 49Page - STMicroelectronics STA311B Datasheet HTML 50Page - STMicroelectronics STA311B Datasheet HTML 51Page - STMicroelectronics STA311B Datasheet HTML 52Page - STMicroelectronics STA311B Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
DocID024340 Rev 1
49/102
STA311B
Registers
102
AutoMode downmix setting uses channels 7-8 of Mix#1 engine and therefore these
channels of this function are fixed and not allowed to be set by the user when in this mode.
Channels 1-6 must be arranged via channel mapping (registers CnIM) if necessary in the
following manner for this operation:
Channel 1: left
Channel 2: right
Channel 3: left surround
Channel 4: right surround
Channel 5: center
Channel 6: LFE
8.2.33
AUTO2 - AutoModes bass management2 (0x20)
Setting the AMBMME bit enables the proper mixing to take place for various preset bass
management configurations. Setting the AMBMXE bit enables the proper crossover filtering
in biquad #7 to take place. The crossover for bass management is always 2nd order
(24 dB/oct) and the crossover frequency is determined by register bits PREEQ.XO[2:0].
All configurations of Dolby Bass Management can be performed in the IC. These different
configurations are selected by the end user.
The AutoMode bass management settings utilize channels 1-6 on the mix #1 engine,
channels 1-6 biquad #6, and channels 1-2 on the mix #2 engine in configuration #2. These
functions cannot be user-programmed while the bass management automode is active.
Not all settings are valid as some configurations are unlikely and do not have to be
supported by Dolby specifications.
Bit
RW
RST
Name
Description
7RW
0
AMDM
AutoMode 5.1 downmix:
0: normal operation
1: channels 7-8 are 2-channel downmix of channels
1-6
D7
D6
D5
D4
D3
D2
D1
D0
SUB
RSS1
RSS0
CSS1
CSS0
FSS
AMBMXE
AMBMME
10
000
00
0
Bit
RW
RST
Name
Description
0
RW
0
AMBMME
0: AutoMode bass management mix disabled
1: AutoMode bass management mix enabled
Bit
RW
RST
Name
Description
1
RW
0
AMBMXE
0: AutoMode bass management crossover disabled
1: AutoMode bass management crossover enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com