Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 18Page - STMicroelectronics STA311B Datasheet HTML 19Page - STMicroelectronics STA311B Datasheet HTML 20Page - STMicroelectronics STA311B Datasheet HTML 21Page - STMicroelectronics STA311B Datasheet HTML 22Page - STMicroelectronics STA311B Datasheet HTML 23Page - STMicroelectronics STA311B Datasheet HTML 24Page - STMicroelectronics STA311B Datasheet HTML 25Page - STMicroelectronics STA311B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
Startup/shutdown pop noise removal in SE application
STA311B
22/102
DocID024340 Rev 1
Figure 6. Power-on sequence for pop-free startup
Moreover in order to compensate an internal delay between the tristate signal and the PWM
present in the Power stage devices, the pop noise removal circuit generates a delayed
version of the PWM_in with respect to the Tristate_ramp signal named PWM1_out and
PWM2_out in Figure 6. The delay value delta between the Tristate_ramp and the PWM_in
is programmable using the I²C register 0x80 and the default value is 290 ns.
Finally when the Tristate_ramp duty cycle is equal to 100%, during the de-synchronization
phase the PWM time slots, equal for all the PWMs outputs, are changed so that the final
channel shift will be the one configured by registers 0x33, 0x34, 0x35 and 0x36. At this point
the PWM modulator is automatically un-muted so that the processing outputs can be
played.
6.2
PWM stop
When the EAPD signal is set to zero, the modulator is stopped internally, forcing the input
audio signal, used to feed the modulator, to zero. After that, the PWM which exhibits the
lower PWM timing delay is internally selected and used as a reference. Using the PWM
reference, all the PWMs are re-synchronized, and as soon as all PWMs are aligned, at each
rising edge of a PWM reference, a reverse tristate_ramp signal is generated. As during
startup, the reverse tristate_ramp pulses are centered with respect to the rising and falling
edge of the PWM reference, but in this case the starting duty cycle is equal to 100% and
gradually becomes equal to zero when the reverse tristate_ramp finishes.
In the STA311B the pop-elimination circuit is activated only when at least one channel is set
in binary mode, and the PWMs out speed is set to 384 kHz. In all the other cases the no
pop-free PWM switching start/stop procedure is adopted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com