Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 89 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 85Page - STMicroelectronics STA311B Datasheet HTML 86Page - STMicroelectronics STA311B Datasheet HTML 87Page - STMicroelectronics STA311B Datasheet HTML 88Page - STMicroelectronics STA311B Datasheet HTML 89Page - STMicroelectronics STA311B Datasheet HTML 90Page - STMicroelectronics STA311B Datasheet HTML 91Page - STMicroelectronics STA311B Datasheet HTML 92Page - STMicroelectronics STA311B Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
DocID024340 Rev 1
89/102
STA311B
Configuration registers (0x77; 0x78; 0x79)
102
9.5.7
Zero-mute threshold/hysteresis and RMS zero-mute selectors (0x6F)
Zero-mute (0x6F)
The STA311B implements an RMS-based zero-detect function (on serial input interface
data) able to detect in a very reliable way the presence of an input signal, so that the power
bridge outputs can be automatically connected to ground. When active, the function will
mute the output PWM when the input level become less than threshold - hysteresis.
Once muted, the PWM will be unmuted when the input level is detected greater than
threshold + hysteresis.
The measured level is then reported (each input channel is selected by RMSZS[2:0] value)
on registers 0x7A, 0x7B.
Bit
RW
RST
Name
Description
7RW
0
Reserved
6RW
0
5RW
0
CHxHCT[5:0]
see Table 21
4RW
1
3RW
1
2RW
0
1RW
1
0RW
1
D7
D6
D5
D4
D3
D2
D1
D0
RMSZS2
RMSZS1
RMSZS0
ZMTHS2
ZMTHS1
ZMTHS0
ZMHYS1
ZMHYS0
00
000
00
0
Bit
RW
RST
Name
Description
7
RW
0
RMSZS2
Select channel for reading the zero-mute RMS
level on registers rmsZMH (0x7A) & rmsZML
(0x7B).
6
RW
0
RMSZS1
5
RW
0
RMSZS0
4RW
0
ZMTHS2
Select the zero-mute threshold level. If signal is
below this level, output will be in switch off mode.
3RW
0
ZMTHS1
2RW
0
ZMTHS1
1
RW
0
ZMHYS1
Select the hysteresis window width.
0
RW
0
ZMHYS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com