Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 28Page - STMicroelectronics STA311B Datasheet HTML 29Page - STMicroelectronics STA311B Datasheet HTML 30Page - STMicroelectronics STA311B Datasheet HTML 31Page - STMicroelectronics STA311B Datasheet HTML 32Page - STMicroelectronics STA311B Datasheet HTML 33Page - STMicroelectronics STA311B Datasheet HTML 34Page - STMicroelectronics STA311B Datasheet HTML 35Page - STMicroelectronics STA311B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
Registers
STA311B
32/102
DocID024340 Rev 1
Fs autodetection
When FXLRC0 = ‘0’ (see 0x70 register), the autodetection function is disabled, IR[1:0] and BST32K
must be set via I²C. When FXLRC0 = ‘1’ the autodetection function is enabled, then IR and BST32K
will be set automatically based on Fs. Before and after enabling the function m, LRCKI must be stable
for at least 3 cycles with a fixed Fs as reference. After 3 fixed Fs cycles when the function has been
enabled, the real Fs can be fed to LRCKI.
Interpolation ratio select
The STA311B has variable interpolation (oversampling) settings such that internal
processing and FFX output rates remain consistent. The first processing block interpolates
by either 4 times, 2 times, or 1 time (pass-through).
The oversampling ratio of this interpolation is determined by the IR bits.
I
Setting the DSPB bit bypasses the biquad function of the processing core of the STA311B.
Bit
RW
RST
Name
Description
3
RW
0
IR0
Interpolation ratio select: selects internal
interpolation ratio based on input I²S sample
frequency
4RW
0
IR1
IR[1,0]
Input sample rate
Fs (kHz)
1st stage interpolation ratio
00
32
4-times oversampling
00
44.1
4-times oversampling
00
48
4-times oversampling
01
88.2
2-times oversampling
01
96
2-times oversampling
10
176.4
Pass-through
10
192
Pass-through
11
DSD
DSD to 176.4 kHz conversion
Bit
RW
RST
Name
Description
0
RW
0
DSPB
DSP bypass bit:
0: normal operation
1: bypass of biquad and bass/treble functions
COS[1,0]
CKOUT frequency
00
PLL output
01
PLL output / 4
10
PLL output / 8
11
PLL output / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com