Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 90 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 86Page - STMicroelectronics STA311B Datasheet HTML 87Page - STMicroelectronics STA311B Datasheet HTML 88Page - STMicroelectronics STA311B Datasheet HTML 89Page - STMicroelectronics STA311B Datasheet HTML 90Page - STMicroelectronics STA311B Datasheet HTML 91Page - STMicroelectronics STA311B Datasheet HTML 92Page - STMicroelectronics STA311B Datasheet HTML 93Page - STMicroelectronics STA311B Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
Configuration registers (0x77; 0x78; 0x79)
STA311B
90/102
DocID024340 Rev 1
Table 22. RMS channel select
RMSZS[2:0]
Channel
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8
Table 23. Zero-detect threshold
ZMTHS[2:0]
Equivalent input level (dB)
000
-78
001
-84
010
-90
011
-96
100
-102
101
-108
110
-114
111
-114
Table 24. Zero-detect hysteresis
ZMHYS[1:0]
Equivalent input level hysteresis(dB)
00
3
01
4
10
5
11
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com