Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 47 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 43Page - STMicroelectronics STA311B Datasheet HTML 44Page - STMicroelectronics STA311B Datasheet HTML 45Page - STMicroelectronics STA311B Datasheet HTML 46Page - STMicroelectronics STA311B Datasheet HTML 47Page - STMicroelectronics STA311B Datasheet HTML 48Page - STMicroelectronics STA311B Datasheet HTML 49Page - STMicroelectronics STA311B Datasheet HTML 50Page - STMicroelectronics STA311B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 102 page
background image
DocID024340 Rev 1
47/102
STA311B
Registers
102
8.2.28
Channel input mapping channels 1 and 2 (0x1B)
8.2.29
Channel input mapping channels 3 and 4 (0x1C)
8.2.30
Channel input mapping channels 5 and 6 (0x1D)
8.2.31
Channel input mapping channels 7 and 8 (0x1E)
Each channel received via I²S can be mapped to any internal processing channel via the
channel input mapping registers. This allows for flexibility in processing, simplifies output
stage designs, and enables the ability to perform crossovers. The default settings of these
registers map each I²S input channel to its corresponding processing channel.
CnVT[4:0]
Volume
0x00 to 0x06
+10 dB
0x07
+9 dB
……
0x0F
+1 dB
0x10
0 dB
0x11
-1 dB
……
0x19
-9 dB
0x1A to 0x1F
-10 dB
D7
D6
D5
D4
D3
D2
D1
D0
C2IM2
C2IM1
C2IM0
C1IM2
C1IM1
C1IM0
00
1
0
00
D7
D6
D5
D4
D3
D2
D1
D0
C4IM2
C4IM1
C4IM0
C3IM2
C3IM1
C3IM0
01
1
0
10
D7
D6
D5
D4
D3
D2
D1
D0
C6IM2
C6IM1
C6IM0
C5IM2
C5IM1
C5IM0
10
1
1
00
D7
D6
D5
D4
D3
D2
D1
D0
C8IM2
C8M1
C8IM0
C7IM2
C7IM1
C7IM0
11
1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com