Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 46 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 42Page - STMicroelectronics STA311B Datasheet HTML 43Page - STMicroelectronics STA311B Datasheet HTML 44Page - STMicroelectronics STA311B Datasheet HTML 45Page - STMicroelectronics STA311B Datasheet HTML 46Page - STMicroelectronics STA311B Datasheet HTML 47Page - STMicroelectronics STA311B Datasheet HTML 48Page - STMicroelectronics STA311B Datasheet HTML 49Page - STMicroelectronics STA311B Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
Registers
STA311B
46/102
DocID024340 Rev 1
The volume structure of the STA311B consists of individual volume registers for each
channel and a master volume register that provides an offset to each channel’s volume
setting. There is also an additional offset for each channel called channel volume trim. The
individual channel volumes are adjustable in 0.5 dB steps from +48 dB to -78 dB. As an
example if C5V = 0xXX or +XXX dB and MV = 0xXX or -XX dB, then the total gain for
channel 5 = XX dB. The channel volume trim is adjustable independently on each channel
from -10 dB to +10 dB in 1 dB steps.
The master mute when set to 1 will mute all channels at once, whereas the individual
channel mutes (CnM) will mute only that channel. Both the master mute and the channel
mutes provide a "soft mute" with the volume ramping down to mute in 8192 samples from
the maximum volume setting at the internal processing rate (~192 kHz). A "hard mute" can
be obtained by commanding a value of 0xFF (255) to any channel volume register or the
master volume register. When volume offsets are provided via the master volume register
any channel whose total volume is less than -91 dB will be muted. All changes in volume
take place at zero-crossings when ZCE = 1 (configuration register H) on a per-channel basis
as this creates the smoothest possible volume transitions. When ZCE = 0, volume updates
occur immediately. Each channel also contains an individual channel volume bypass. If a
particular channel has volume bypassed via the CnVBP = 1 register, then only the channel
volume setting for that particular channel affects the volume setting, the master volume
setting will not affect that channel. Each channel also contains a channel mute. If CnM = 1 a
soft mute is performed on that channel.
MV[7:0]
Volume offset from channel value
0x00
0 dB
0x01
-0.5 dB
0x02
-1 dB
……
0x4C
-38 dB
……
0xFE
-127 dB
0xFF
Hardware channel mute
CnV[7:0]
Volume
0x00
+48 dB
0x01
+47.5 dB
0x02
+47 dB
……
0x5F
+0.5 dB
0x60
0 dB
0x61
-0.5 dB
……
0xFE
-79.5 dB
0xFF
Hardware channel mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com