Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 15Page - STMicroelectronics STA311B Datasheet HTML 16Page - STMicroelectronics STA311B Datasheet HTML 17Page - STMicroelectronics STA311B Datasheet HTML 18Page - STMicroelectronics STA311B Datasheet HTML 19Page - STMicroelectronics STA311B Datasheet HTML 20Page - STMicroelectronics STA311B Datasheet HTML 21Page - STMicroelectronics STA311B Datasheet HTML 22Page - STMicroelectronics STA311B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
DocID024340 Rev 1
19/102
STA311B
Serial audio interface
102
4.3
Processing data paths
The whole STA311B processing chain is depicted in Figure 4. A programmable rate
conversion algorithm is applied to the incoming digital audio data (x3,x2,x1,/2) resampling it
to the processing rate. A dual-channel plus line out processing is then implemented, with
mixing, EQ capability followed by a Volume/DRC block and final DC cut filter. The final
oversampling stage and post scaler will provide the output data stream to the PWM
modulators. Three different DRC configurations can be used, single-band, dual-band or
enhanced dual-band DRC, as shown below.
Figure 4. Processing data path
64 * fs
0000
X
I²S 24-bit data
0100
X
I²S 20-bit data
1000
X
I²S 18-bit data
0000
0
MSB-first I²S 16-bit data
1100
1
LSB-first I²S 16-bit data
0001
X
Left-justified 24-bit data
0101
X
Left-justified 20-bit data
1001
X
Left-justified 18-bit data
1101
X
Left-justified 16-bit data
0010
X
Right-justified 24-bit data
0110
X
Right-justified 20-bit data
1010
X
Right-justified 18-bit data
1110
X
Right-justified 16-bit data
Table 10. Serial audio input formats according to sampling rate (continued)
BICKI
SAI [3:0]
SAIFB
Interface format
1x,2x,4x
Interp
Biquads
B/T
Volume
Limiter
2x
Interp
Distortion
Compensation
NS
C_Con
PWM
FFX
Output
Interp_Rate
8 Inputs
From I2S
DSD
Conversion
6 Inputs
From DSD
Mapping/
Mix #1
DSDE
Mix #2
PreScale
High-Pass
Filter
Biquad
#2
Biquad
#3
Biquad
#4
Biquad
#5
Biquad
#6
Biquad
#7
Biquad
#8
Bass
Hard Set to
-18dB when
AutoMode EQ
(AMEQ)
Hard Set Coeffecients when AutoMode EQ
(AMEQ)
Hard Set
Coeffecients when
AutoMode
Bass Management
Crossover
(AMBMXE)
Hard Set
Coeffecients when
DeEmphasis
Enabled
(DEMP)
From
Mix#1
Engine
Or
Previous
Channel
Biquad#10
Output
(CxBLP)
To
Mix#2
Engine
Treble
User Progammable
Biquad #1 when
High-Pass Bypassed
(HPB)
User Programmable
Biquads #9 and #10
When Tone Bypassed
(CxTCB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com