Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 20Page - STMicroelectronics STA311B Datasheet HTML 21Page - STMicroelectronics STA311B Datasheet HTML 22Page - STMicroelectronics STA311B Datasheet HTML 23Page - STMicroelectronics STA311B Datasheet HTML 24Page - STMicroelectronics STA311B Datasheet HTML 25Page - STMicroelectronics STA311B Datasheet HTML 26Page - STMicroelectronics STA311B Datasheet HTML 27Page - STMicroelectronics STA311B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
I²C bus operation
STA311B
24/102
DocID024340 Rev 1
7.3
Write operation
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA311B acknowledges this and the writes for the byte of internal address.
After receiving the internal byte address the STA311B again responds with an
acknowledgement.
7.3.1
Byte write
In the byte write mode the master sends one data byte, this is acknowledged by the Omega
FFX core. The master then terminates the transfer by generating a STOP condition.
7.3.2
Multi-byte write
The multi-byte write modes can start from any internal address. The master generating a
STOP condition terminates the transfer.
Figure 7. Write mode sequence
7.4
Read operation
7.4.1
Current address byte read
Following the START condition, the master sends a device select code with the RW bit set
to 1. The STA311B acknowledges this and then responds by sending one byte of data. The
master then terminates the transfer by generating a STOP condition.
7.4.2
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA311B. The master acknowledges each data
byte read and then generates a STOP condition, terminating the transfer.
7.4.3
Random address byte read
Following the START condition, the master sends a device select code with the RW bit set
to 0. The STA311B acknowledges this and then the master writes the internal address byte.
After receiving the internal byte address, the STA311B again responds with an
acknowledgement. The master then initiates another START condition and sends the device
select code with the RW bit set to 1. The STA311B acknowledges this and then responds by
sending one byte of data. The master then terminates the transfer by generating a STOP
condition.
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DATA IN
ACK
STOP
BYTE
WRITE
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DATA IN
ACK
STOP
MULTIBYTE
WRITE
DATA IN
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com