Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 38Page - STMicroelectronics STA311B Datasheet HTML 39Page - STMicroelectronics STA311B Datasheet HTML 40Page - STMicroelectronics STA311B Datasheet HTML 41Page - STMicroelectronics STA311B Datasheet HTML 42Page - STMicroelectronics STA311B Datasheet HTML 43Page - STMicroelectronics STA311B Datasheet HTML 44Page - STMicroelectronics STA311B Datasheet HTML 45Page - STMicroelectronics STA311B Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
Registers
STA311B
42/102
DocID024340 Rev 1
Setting the ZDE bit enables the zero-detect automatic mute. See Section 9.5.7 for more
details.
Setting the IDE bit enables this function, which looks at the input I²S data and will
automatically mute if the signals are perceived as invalid.
The BCLE bit detects loss of input MCLK in binary mode and will output 50% duty cycle.
The LDTE bit actively prevents double triggering of LRCLK.
When active, the ECLE bit will issue a device power-down signal (EAPD) on clock loss
detection.
8.2.9
Configuration register I (0x08)
Bit
RW
RST
Name
Description
2
RW
1
SVE
Soft volume enable:
1: volume adjustments use soft volume
0: volume adjustments occur immediately
Bit
RW
RST
Name
Description
3RW
1
ZDE
Zero-detect mute enable: setting of 1 enables the
automatic zero-detect mute
Bit
RW
RST
Name
Description
4RW
1
IDE
Invalid input detect mute enable:
1: enable the automatic invalid input detect mute
Bit
RW
RST
Name
Description
5
RW
1
BCLE
Binary output mode clock loss detection enable
Bit
RW
RST
Name
Description
6
RW
1
LDTE
LRCLK double trigger protection enable
Bit
RW
RST
Name
Description
7
RW
0
ECLE
Auto EAPD on clock loss
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PSCE
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com