Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 29Page - STMicroelectronics STA311B Datasheet HTML 30Page - STMicroelectronics STA311B Datasheet HTML 31Page - STMicroelectronics STA311B Datasheet HTML 32Page - STMicroelectronics STA311B Datasheet HTML 33Page - STMicroelectronics STA311B Datasheet HTML 34Page - STMicroelectronics STA311B Datasheet HTML 35Page - STMicroelectronics STA311B Datasheet HTML 36Page - STMicroelectronics STA311B Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
DocID024340 Rev 1
33/102
STA311B
Registers
102
8.2.2
Configuration register B (0x01) - serial input formats
Serial data interface
The STA311B audio serial input interfaces with standard digital audio components and
accepts a number of serial data formats. The STA311B always acts a slave when receiving
audio input from standard digital audio components. Serial data for eight channels is
provided using 6 input pins: left/right clock LRCKI, serial clock BICKI, serial data 1 and 2
SDI_12, serial data 3 and 4 SDI_34, serial data 5 and 6 SDI_56, and serial data 7 and 8
SDI_78. The SAI/SAIFB register (configuration register B, address 0x01) is used to specify
the serial data format. The default serial data format is I²S, MSB-first. Available formats are
shown in the tables that follow.
Note:
Serial input and output formats are specified separately.
For example, SAI = 1110 and SAIFB = 1 would specify right-justified 16-bit data, LSB-first.
The table below lists the serial audio input formats supported by STA311B as related to
BICKI = 32 * fs, 48 * fs, 64 * fs, where sampling rate, fs = 32, 44.1, 48, 88.2, 96, 176.4,
192 kHz.
D7
D6
D5
D4
D3
D2
D1
D0
SAIFB
SAI3
SAI2
SAI1
SAI0
00
00
0
Bit
RW
RST
Name
Description
0
RW
0
SAI0
Serial audio input interface format: determines the
interface format of the input serial digital audio
interface
1
RW
0
SAI1
2
RW
0
SAI2
3
RW
0
SAI3
Bit
RW
RST
Name
Description
4
RW
0
SAIFB
Determines MSB or LSB first for all SAO formats:
0: MSB first
1: LSB first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com