Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 17Page - STMicroelectronics STA311B Datasheet HTML 18Page - STMicroelectronics STA311B Datasheet HTML 19Page - STMicroelectronics STA311B Datasheet HTML 20Page - STMicroelectronics STA311B Datasheet HTML 21Page - STMicroelectronics STA311B Datasheet HTML 22Page - STMicroelectronics STA311B Datasheet HTML 23Page - STMicroelectronics STA311B Datasheet HTML 24Page - STMicroelectronics STA311B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
DocID024340 Rev 1
21/102
STA311B
Startup/shutdown pop noise removal in SE application
102
6
Startup/shutdown pop noise removal in SE
application
Click and pop can generally be defined as undesired audible transients generated by the
amplifier system not coming from the system input signal. Such transients can be generated
when the amplifier system changes its operating mode: system power-up/power-down,
mute/unmute. Every time the PWM starts or stops, if no soft charge method is applied, the
result is an audible pop noise.
The STA311B integrates a “pop-elimination” circuitry that removes undesired audible pop
noise at the PWM switching start and stop either in single-ended or single-ended virtual
ground configurations.
In particular the pop elimination circuit receives as inputs the PWMs generated by the
modulator (PWMs_in) and it generates both a delayed version of the PWMs (PWMs_out)
and a tristate signal that are sent to the Power stages to attenuate the audible pop at the
power up/down.
6.1
PWM start
At power-up as soon as the external amplifier power-down (EAPD) is set to one, if at least
one channel at the output of the modulator is in binary mode, the pop elimination circuit
selects the related PWM input which exhibits the lower PWM timing delay (set using the I²C
registers 0x33, 0x34,0x35, 0x36), and it uses it as a PWM reference to synchronize the
remaining PWMs_in whose channels are set in binary mode (synchronization phase).
Moreover, during the synchronization phase the modulator is internally muted by setting the
audio input signal to
zero. At the end of this phase, all the PWMs_in are synchronous with the PWM reference
and they have a duty cycle of 50%.
At each rising edge of the PWM reference, twoTristate_ramp pulses with increasing duty
cycle are generated. As depicted in Figure 10, where for the sake of simplicity, only two
PWMs_in (PWM1_in and PWM2_in) are shown, each pulse is centered with respect to both
the rising and falling edges of the PWM reference, and their duty cycle initially set to 21.87%
increases gradually and becomes equal to 100% at the end of theTristate_ramp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com