Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 167 page
background image
Rev. 1.50
4�
De�e��e� 01� �01�
Rev. 1.50
47
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
1�MHz
0pF
0pF
8MHz
0pF
0pF
4MHz
0pF
0pF
1MHz
100pF
100pF
Note: C1 and C� values a�e fo� guidan�e only.
Crystal Recommended Capacitor Values
External RC Oscillator – ERC
UsingtheERCoscillatoronlyrequiresthataresistor,withavaluebetween56kΩand2.4MΩ,
isconnectedbetweenOSC1andVDD,andacapacitorisconnectedbetweenOSC1andground,
providingalowcostoscillatorconfiguration.Itisonlytheexternalresistorthatdeterminesthe
oscillationfrequency;theexternalcapacitorhasnoinfluenceoverthefrequencyandisconnected
forstabilitypurposesonly.Devicetrimmingduringthemanufacturingprocessandtheinclusion
ofinternalfrequencycompensationcircuitsareusedtoensurethattheinfluenceofthepower
supplyvoltage,temperatureandprocessvariationsontheoscillationfrequencyareminimised.Asa
resistance/frequencyreferencepoint,itcanbenotedthatwithanexternal120kΩresistorconnected
andwitha5Vvoltagepowersupplyandtemperatureof25°Cdegrees,theoscillatorwillhavea
frequencyof4MHzwithinatoleranceof2%.HereonlytheOSC1pinisused,whichissharedwith
I/OpinPA5,leavingpinPA6freeforuseasanormalI/Opin.
Foroscillatorstabilityandtominimisetheeffectsofnoiseandcrosstalk,itisimportanttolocatethe
capacitorandresistorasclosetotheMCUaspossible.
OSC1
I/O
ROSC
�0pF
VDD
OSC�
External RC Oscillator – ERC
Internal RC Oscillator – HIRC
TheinternalRCoscillatorisafullyintegratedsystemoscillatorrequiringnoexternalcomponents.
TheinternalRCoscillatorhasafixedfrequenciesof8MHz.Devicetrimmingduringthe
manufacturingprocessandtheinclusionofinternalfrequencycompensationcircuitsareusedto
ensurethattheinfluenceofthepowersupplyvoltage,temperatureandprocessvariationsonthe
oscillationfrequencyareminimised.Asaresult,atapowersupplyofeither3Vor5Vandata
temperatureof25°Cdegrees,thefixedoscillationfrequencyof8MHzwillhaveatolerancewithin
2%.Notethatifthisinternalsystemclockoptionisselected,asitrequiresnoexternalpinsforits
operation,I/OpinsarefreeforuseasnormalI/Opins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com