Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 74 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 74 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 78Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 167 page
background image
Rev. 1.50
74
De�e��e� 01� �01�
Rev. 1.50
75
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
SCKO Function
TheSCKOOutputallowsthedevicetosupplyexternalhardwarewithaclocksignalsynchronised
tothemicrocontrollerclock.
SCKO Operation
TheSCKOfunctioniscontrolledusingtheSCKOCregister.Asthepin,SCKO,issharedwithPC1,
therequiredpinfunctionischosenviatheSCKCbitintheSCKOCregister.Theclocksourcefor
theSCKOOutputissourcedfromadividedratiooftheinternalfSYSclock.TheSCKCbitinisthe
overallon/offcontrol,settingSCKCbitto“1”enablestheSCKO,settingSCKCbitto“0”disables
it.TherequireddivisionratioofthesystemclockisselectedusingtheSCKS1andSCKS0bitsin
thesameregister.IftheSCKOisenabled,theoutputsignalintheoutputmodeofPC1willbethe
SCKOsignalgeneratedbythesystemclock.Theinputmodealwaysremainsitsoriginalfunctions.
OncetheSCKOisselected,theSCKOoutputsignaliscontrolledbyPC1dataregisteronly.
SCKOC Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
SCKC
SCKS1
SCKS0
—
SCKOS
R/W
—
—
—
R/W
R/W
R/W
—
R/W
POR
—
—
—
0
0
0
—
0
Bit7~5
Unimplemented,readas“0”
Bit4
SCKC:SelectI/OorSCKoutputfunction
0:I/O
1:SCKoutput
Bit3~2
SCKS1, SCKS0:SCKoutputfrequencyselection(SCKOpin)
00:fSYS/1
01:fSYS/2
10:fSYS/4
11:fSYS/8
Bit1
Unimplemented,readas“0”
Bit0
SCKOS:PC1/SCKOoutputsink/sourcecurrentoption
0:normalI/Ocurrent
1:normalI/Ocurrent/2
I/O Pin Structures
TheaccompanyingdiagramsillustratetheinternalstructuresofsomegenericI/Opintypes.As
theexactlogicalconstructionoftheI/Opinwilldifferfromthesedrawings,theyaresuppliedasa
guideonlytoassistwiththefunctionalunderstandingoftheI/Opins.Thewiderangeofpin-shared
structuresdoesnotpermitalltypestobeshown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com