Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 167 page
background image
Rev. 1.50
30
De�e��e� 01� �01�
Rev. 1.50
31
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
ERASE PAGE
FARH
FARL[7:6]
Note
0
0000 0000
00
FARL[5:0]: don’t �a�e.
1
0000 0000
01
�
0000 0000
10
3
0000 0000
11
4
0000 0001
00
5
0000 0001
01
�
0000 0001
10
7
0000 0001
11
8
0000 0010
00
9
0000 0010
01
:
:
:
:
:
:
:
:
:
:
:
:
On Chip Debug Support (OCDS)
ThereisanEVchipwhichisusedtoemulatethedevice.TheEVchipdevicealsoprovidesan“On-
ChipDebug”functiontodebugthedeviceduringthedevelopmentprocess.TheEVchipandthe
actualMCUdevicearealmostfunctionallycompatibleexceptfor“On-ChipDebug”function.Users
canusetheEVchipdevicetoemulatetherealchipdevicebehaviorbyconnectingtheOCDSDA
andOCDSCKpinstotheHoltekHT-IDEdevelopmenttools.TheOCDSDApinistheOCDSData/
Addressinput/outputpinwhiletheOCDSCKpinistheOCDSclockinputpin.Whenusersusethe
EVchipfordebugging,otherfunctionswhicharesharedwiththeOCDSDAandOCDSCKpinsin
theactualMCUdevicewillhavenoeffectintheEVchip.However,thetwoOCDSpinswhichare
pin-sharedwiththeICPprogrammingpinsarestillusedastheFlashMemoryprogrammingpins
forICP.FormoredetailedOCDSinformation,refertothecorrespondingdocumentnamed“Holtek
e-Linkfor8-bitMCUOCDSUser’sGuide”.
Holtek e-Link Pins
EV Chip Pins
Pin Description
OCDSDA
OCDSDA
On-Chip De�ug Suppo�t Data/Add�ess input/output
OCDSCK
OCDSCK
On-Chip De�ug Suppo�t Clo�k input
VDD
VDD
Powe� Supply
VSS
VSS
G�ound



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com