Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 167 page
background image
Rev. 1.50
14
De�e��e� 01� �01�
Rev. 1.50
15
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
A/D Electrical Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
AVDD
Analog Ope�ating Voltage
—
VREF=AVDD
�.7
—
5.5
V
VAD
A/D Input Voltage
—
—
0
—
AVDD/
VREF
V
VREF
A/D Input Refe�en�e Voltage
—
AVDD=3V
�
—
AVDD
+0.1
V
—
AVDD=5V
�
—
AVDD
+0.1
V
DNL
Diffe�ential Non-linea�ity
3V
VREF=AVDD=VDD� tAD=0.5μs
-�
—
+�
LSB
5V
-�
—
+�
LSB
5V
Regulato� on� �ha�ge pu�p off�
VREF=AVDD=VOREG� tAD=0.5μs
-�
—
+�
LSB
3V
Regulato� & �ha�ge pu�p on�
VREF=AVDD=VOREG� tAD=0.5μs
-�
—
+�
LSB
INL
Integ�al Non-linea�ity
3V
VREF=AVDD=VDD� tAD=0.5μs
-4
—
+4
LSB
5V
-4
—
+4
LSB
5V
Regulato� on� �ha�ge pu�p off�
VREF=AVDD=VOREG� tAD=0.5μs
-4
—
+4
LSB
3V
Regulato� & �ha�ge pu�p on�
VREF=AVDD=VOREG� tAD=0.5μs
-4
—
+4
LSB
IADC
Additional Powe� Consu�ption
if A/D Conve�te� is used
3V
No load� tAD=0.5μs
—
0.5
—
�A
5V
—
0.�
—
�A
tAD
A/D Clo�k Pe�iod
�.7~5.5V
—
0.5
─
10
μs
tADC
A/D Conve�sion Ti�e
�.7~5.5V 1�-�it A/D �ode (ACCM=0)
─
1�
—
tAD
tON�ST
A/D on to ADC Sta�t
�.7~5.5V
—
�
─
—
us
Note:A/Dconversiontime(tADC)=n(bitsADC)+4(samplingtime),theconversionforeachbitneedsoneADC
clock(tAD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com