Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 167 page
background image
Rev. 1.50
1�
De�e��e� 01� �01�
Rev. 1.50
17
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
LCD D.C. Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ISTB1
Stand�y Cu��ent
Only LCD on�
LCD �lo�k=4kHz
—
No load� Ta=�5°C
VLCD=4.5� 1/3 �ias (RBIAS=144kΩ)
—
30
�0
μA
ISTB�
No load� Ta=�5°C
VLCD=4.5� 1/3 �ias (RBIAS=7�kΩ)
—
�0
1�0
μA
ISTB3
No load� Ta=�5°C
VLCD=4.5� 1/3 �ias (RBIAS=3�kΩ)
—
1�0
�40
μA
ISTB4
No load� Ta=�5°C
VLCD=4.5� 1/3 �ias (RBIAS=18kΩ)
—
�40
480
μA
ISTB5
No load� Ta=�5°C
VLCD=4.5� 1/4 �ias (RBIAS=19�kΩ)
—
�5
50
μA
ISTB�
No load� Ta=�5°C
VLCD=4.5� 1/4 �ias (RBIAS=96kΩ)
—
45
90
μA
ISTB7
No load� Ta=�5°C
VLCD=4.5� 1/4 �ias (RBIAS=48kΩ)
—
90
180
μA
ISTB8
No load� Ta=�5°C
VLCD=4.5� 1/4 �ias (RBIAS=�4kΩ)
—
180
3�0
μA
ISTB9
No load� Ta=-40~85°C
VLCD=4.5� 1/3 �ias (RBIAS=144kΩ)
—
45
105
μA
ISTB10
No load� Ta=-40~85°C
VLCD=4.5� 1/3 �ias (RBIAS=7�kΩ)
—
90
180
μA
ISTB11
No load� Ta=-40~85°C
VLCD=4.5� 1/3 �ias (RBIAS=3�kΩ)
—
180
3�0
μA
ISTB1�
No load� Ta=-40~85°C
VLCD=4.5� 1/3 �ias (RBIAS=18kΩ)
—
3�0
7�0
μA
ISTB13
No load� Ta=-40~85°C
VLCD=4.5� 1/4 �ias (RBIAS=19�kΩ)
—
37.5
75
μA
ISTB14
No load� Ta=-40~85°C
VLCD=4.5� 1/4 �ias (RBIAS=9�kΩ)
—
�7.5
135
μA
ISTB15
No load� Ta=-40~85°C
VLCD=4.5� 1/4 �ias (RBIAS=48kΩ)
—
145
�90
μA
ISTB1�
No load� Ta=-40~85°C
VLCD=4.5� 1/4 �ias (RBIAS=�4kΩ)
—
�70
540
μA
IOL
LCD Co��on and Seg�ent
Sink Cu��ent
3V
VOL=0.1VLCD
�10
4�0
—
μA
5V
350
700
—
μA
IOH
LCD Co��on and Seg�ent
Sou��e Cu��ent
3V
VOH=0.9VLCD
-80
-1�0
—
μA
5V
-180
-3�0
—
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com