Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 167 page
background image
Rev. 1.50
70
De�e��e� 01� �01�
Rev. 1.50
71
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Register
Power On Reset
LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
TM�DH
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM�AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM�AH
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM�RP
0000 0000
0000 0000
0000 0000
uuuu uuuu
SMOD0
0 00 0 0 011
0 00 0 0 011
0 00 0 0 011
uuuu uuuu
SMOD1
0--- -x00
0--- -x00
0--- -x00
u--- -uuu
SCKOC
---0 00-0
---0 00-0
---0 00-0
---u uu-u
CHPRC
0000 0-00
0000 0-00
0000 0-00
uuuu u-uu
FARL
0000 0000
0000 0000
0000 0000
uuuu uuuu
FARH
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD0L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD0H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD1L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD1H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD�L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD�H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD3L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD3H
0000 0000
0000 0000
0000 0000
uuuu uuuu
EEC
---- 0000
---- 0000
---- 0000
---- uuuu
FC0
0111 0000
0111 0000
0111 0000
uuuu uuuu
FC1
0000 00 00
0000 00 00
0000 00 00
uuuu u u uu
FC�
---- ---0
---- ---0
---- ---0
---- ---u
Note:“u”standsforunchanged
“x”standsforunknown
“-”standsforunimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com