Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 167 page
background image
Rev. 1.50
10
De�e��e� 01� �01�
Rev. 1.50
11
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Pin Name
Function
OPT
I/T
O/T
Description
SEG8~SEG19
SEGn
—
—
SEG LCD SEG8~SEG19 output
COM0~COM3
COMn
—
—
COM LCD COM0~COM3 output
COM4/SEG�3~
COM7/SEG�0
COMn
LCDCTRL
—
COM LCD COM4~COM7 output fo� 1/8 duty
SEGn
LCDCTRL
—
SEG LCD SEG�3~SEG�0 output fo� 1/4 and 1/� duty
VDD
VDD
—
PWR
—
Powe� Supply
AVDD
AVDD
—
PWR
—
ADC Powe� Supply
VSS
VSS
—
PWR
—
G�ound
AVSS
AVSS
—
PWR
—
ADC G�ound
VSSCH
VSSCH
—
PWR
—
Cha�ge Pu�p negative powe� supply. AVSS and
VSSCH a�e �onded togethe�
VDDCH
VDDCH
—
PWR
—
Cha�ge Pu�p positive powe� supply. Conne�ted to VDD
in the appli�ation
CHPC1
CHPC1
—
—
—
Capa�ito� �onne�ted �etween CHPC1 and CHPC�
VOCHP
VOCHP
—
—
PWR Cha�ge Pu�p output
VOREG
VOREG
—
—
PWR Regulato� output. AVDD and VOREG a�e �onded
togethe�
CCVREF
CCVREF
—
—
—
VREF output pin – �apa�ito� �onne�ted �etween this pin
and VSS
CCVIP
CCVIP
—
—
—
OPA non inve�ting input pin
CCVIN
CCVIN
—
—
—
OPA inve�ting input pin
SVIP
SVIP
—
—
—
P�essu�e senso� positive input pin
SVIN
SVIN
—
—
—
P�essu�e senso� negative input pin
SLPF
SLPF
—
—
—
PGA� input pin
SCFR
SCFR
—
—
—
PGA1 output pin.
SCFC
SCFC
—
—
—
SCF input pin
Note:I/T:Inputtype
O/T:Outputtype
OPT:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power
CO:Configurationoption
ST:SchmittTriggerinput
CMOS:CMOSoutput
AN:Analoginputpin
VI:Voltageinput
HXT:Highfrequencycrystaloscillator
LXT:Lowfrequencycrystaloscillator
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-10˚Cto50˚C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesat
otherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposureto
extremeconditionsmayaffectdevicesreliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com