Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 68 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 68 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 72Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 167 page
background image
Rev. 1.50
�8
De�e��e� 01� �01�
Rev. 1.50
�9
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Thedifferentkindsofresetsallaffecttheinternalregistersofthemicrocontrollerindifferentways.
Toensurereliablecontinuationofnormalprogramexecutionafteraresetoccurs,itisimportantto
knowwhatconditionthemicrocontrollerisinafteraparticularresetoccurs.Thefollowingtable
describeshoweachtypeofresetaffectseachofthemicrocontrollerinternalregisters.Notethatwhere
morethanonepackagetypeexiststhetablewillreflectthesituationforthelargerpackagetype.
Register
Power On Reset
LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
MP0
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
MP1
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
BP
--0- -000
--0- -000
--0- -000
--u- -uuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBHP
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
STATUS
--00 xxxx
--uu uuuu
--1u uuuu
--1 1 uuuu
INTC0
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
MFIC0
--00 --00
--00 --00
--00 --00
--uu --uu
MFIC1
--00 --00
--00 --00
--00 --00
--uu --uu
TBC
0011 0111
0011 0111
0011 0111
uuuu uuuu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAPU
-000 0000
-000 0000
-000 0000
-uuu uuuu
PAWK
0000 0000
0000 0000
0000 0000
uuuu uuuu
PB
- - 11 1111
- - 11 1111
- - 11 1111
--uu uuuu
PBC
- - 11 1111
- - 11 1111
- - 11 1111
--uu uuuu
PBPU
--00 0000
--00 0000
--00 0000
--uu uuuu
PC
- 111 1111
- 111 1111
- 111 1111
-uuu uuuu
PCC
- 111 1111
- 111 1111
- 111 1111
-uuu uuuu
PCPU
-000 0000
-000 0000
-000 0000
-uuu uuuu
CTRL�
0010 100-
0010 100-
0010 100-
uuuu uuu -
CTRL3
0000 0---
0000 0---
0000 0---
uuuu u ---
CTRL1
--00 0000
--00 0000
--00 0000
--uu uuuu
VDDSPICR
0-00 0000
0-00 0000
0-00 0000
u-uu uuuu
ADRL
0000 0000
0000 0000
0000 0000
uuuu uuuu
ADRH
0000 0000
0000 0000
0000 0000
uuuu uuuu
ADCR
011- 0000
011- 0000
011- 0000
uu u - u uuu
ACSR
---0 0000
---0 0000
---0 0000
--- u u uuu
WDTC
0 10 1 0 011
0 10 1 0 011
0 10 1 0 011
uuuu uuuu
PD
1111 1111
1111 1111
1111 1111
uuuu uuuu
PDC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PDPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
MFIC�
-000 -000
-000 -000
-000 -000
-uuu -uuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com