Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 167 page
background image
Rev. 1.50
5�
De�e��e� 01� �01�
Rev. 1.50
53
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
System Operation Modes
Therearesixdifferentmodesofoperationforthemicrocontroller,eachonewithitsown
specialcharacteristicsandwhichcanbechosenaccordingtothespecificperformanceand
powerrequirementsoftheapplication.Therearetwomodesallowingnormaloperationofthe
microcontroller,theNORMALModeandSLOWMode.Theremainingfourmodes,theSLEEP0,
SLEEP1,IDLE0andIDLE1ModeareusedwhenthemicrocontrollerCPUisswitchedoffto
conservepower.
Operating Mode
Description
CPU
fSYS
fSUB
fS
fTBC
NORMAL Mode
on
fH~fH/�4
on
on
on
SLOW Mode
on
fL
on
on
on
IDLE0 Mode
off
off
on
on/off
on
IDLE1 Mode
off
on
on
on
on
SLEEP0 Mode
off
off
off
off
off
SLEEP1 Mode
off
off
on
on
off
NORMAL Mode
Asthenamesuggeststhisisoneofthemainoperatingmodeswherethemicrocontrollerhasallof
itsfunctionsoperationalandwherethesystemclockisprovidedbyoneofthehighspeedoscillators.
Thismodeoperatesallowingthemicrocontrollertooperatenormallywithaclocksourcewillcome
fromoneofthehighspeedoscillators,eithertheHXT,ERCorHIRCoscillators.Thehighspeed
oscillatorwillhoweverfirstbedividedbyaratiorangingfrom1to64,theactualratiobeingselected
bytheCKS2~CKS0andHLCLKbitsintheSMOD0register.Althoughahighspeedoscillatoris
used,runningthemicrocontrolleratadividedclockratioreducestheoperatingcurrent.
SLOW Mode
Thisisalsoamodewherethemicrocontrolleroperatesnormallyalthoughnowwithaslowerspeed
clocksource.Theclocksourceusedwillbefromoneofthelowspeedoscillators,eithertheLXT
ortheLIRC.Runningthemicrocontrollerinthismodeallowsittorunwithmuchloweroperating
currents.IntheSLOWMode,thefHisoff.
SLEEP0 Mode
TheSLEEPModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitinthe
SMOD0registerislow.IntheSLEEP0modetheCPUwillbestopped,andthefSUBandfSclocks
willbestoppedtoo,andtheWatchdogTimerfunctionisdisabled.Inthismode,theLVDENismust
setto“0”.IftheLVDENissetto“1”,itwon’tentertheSLEEP0Mode.
SLEEP1 Mode
TheSLEEPModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitinthe
SMOD0registerislow.IntheSLEEP1modetheCPUwillbestopped.HoweverthefSUBandfS
clockswillcontinuetooperateiftheLVDENis“1”ortheWatchdogTimerfunctionisenabledand
ifitsclocksourceischosenviaconfigurationoptiontocomefromthefSUB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com