Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 167 page
background image
Rev. 1.50
7�
De�e��e� 01� �01�
Rev. 1.50
73
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
I/O Port Control Registers
EachI/OporthasitsowncontrolregisterknownasPAC~PDC,tocontroltheinput/output
configuration.OnlytheoutputforPA7isopen-drainoutput.Withthiscontrolregister,eachCMOS
outputorinputcanbereconfigureddynamicallyundersoftwarecontrol.EachpinoftheI/Oportsis
directlymappedtoabitinitsassociatedportcontrolregister.FortheI/Opintofunctionasaninput,
thecorrespondingbitofthecontrolregistermustbewrittenasa“1”.Thiswillthenallowthelogic
stateoftheinputpintobedirectlyreadbyinstructions.Whenthecorrespondingbitofthecontrol
registeriswrittenasa“0”,theI/OpinwillbesetupasaCMOSoutput.Ifthepiniscurrentlysetup
asanoutput,instructionscanstillbeusedtoreadtheoutputregister.However,itshouldbenoted
thattheprogramwillinfactonlyreadthestatusoftheoutputdatalatchandnottheactuallogic
statusoftheoutputpin.
PAC Register
Bit
7
6
5
4
3
2
1
0
Na�e
PAC7
PAC�
PAC5
PAC4
PAC3
PAC�
PAC1
PAC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
PBC Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
PBC5
PBC4
PBC3
PBC�
PBC1
PBC0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
1
1
1
1
1
1
PCC Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
PCC�
PCC5
PCC4
PCC3
PCC�
PCC1
PCC0
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
1
1
1
1
1
1
1
PDC Register
Bit
7
6
5
4
3
2
1
0
Na�e
PDC7
PDC�
PDC5
PDC4
PDC3
PDC�
PDC1
PDC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
“—”Unimplemented,readas“0”
PACn/PBCn/PCCn/PDCn:I/OPortInput/OutputControl
0:Output
1:Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com