Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 167 page
background image
Rev. 1.50
1�
De�e��e� 01� �01�
Rev. 1.50
13
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
A.C. Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
Syste� �lo�k (HXT)
�.�V~5.5V
—
400
—
4000
kHz
3.0V~5.5V
—
400
—
8000
kHz
4.5V~5.5V
—
400
—
1�000
kHz
fHIRC
Syste� �lo�k (HIRC)
3.0V/5.0V Ta=�5°C
-�%
8
+�%
MHz
3.0V/5.0V Ta=0~70°C
-5%
8
+5%
MHz
3.0V~5.5V Ta=0~70°C
-8%
8
+8%
MHz
3.0V~5.5V Ta=-40~85°C
-1�%
8
+1�% MHz
fERC
Syste� �lo�k (ERC)
5.0V
Ta=�5°C� R=1�0KΩ
-�%
4
+�%
MHz
5.0V
Ta=0~70°C� R=1�0KΩ
-5%
4
+5%
MHz
5.0V
Ta=-40~85°C� R=1�0KΩ
-7%
4
+7%
MHz
�.�V~5.5V Ta=-40~85°C� R=1�0KΩ
-11%
4
+11%
MHz
fLXT
Syste� �lo�k (LXT)
—
—
—
3�7�8
—
Hz
fTIMER
Ti�e� input f�equen�y (TCKn)
�.�V~5.5V
—
0
—
4000
kHz
3.0V~5.5V
—
0
—
8000
kHz
4.5V~5.5V
—
0
—
1�000
kHz
tWDTOSC
Wat�hdog os�illato� pe�iod
3.0V
—
45
90
180
μs
5.0V
—
3�
�5
130
μs
tSST
Syste� sta�t-up ti�e� pe�iod
—
Wake-up f�o� HALT
—
10�4
—
tSYS
tINT
Inte��upt pulse width
—
—
1
—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com