Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 69 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 73Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 167 page
background image
Rev. 1.50
�8
De�e��e� 01� �01�
Rev. 1.50
�9
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Register
Power On Reset
LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
MFIC3
0000 0000
0000 0000
0000 0000
uuuu uuuu
MFIC4
0001 0000
0001 0000
0001 0000
uuuu uuuu
ANCSR
---- 0000
---- 0000
---- 0000
---- uuuu
DAL
0000 ----
0000 ----
0000 ----
uuuu ----
DAH
0000 0000
0000 0000
0000 0000
uuuu uuuu
VOL
0000 ----
0000 ----
0000 ----
uuuu ----
LVDC
--00 - 000
--00 - 000
--00 - 000
--uu - uuu
CCVREFC
00-- 0000
00-- 0000
00-- 0000
uu-- uuuu
PGAC0
0000 0000
0000 0000
0000 0000
uuuu uuuu
PGAC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
PGAC�
0000 0000
0000 0000
0000 0000
uuuu uuuu
SCFC0
0000 0000
0000 0000
0000 0000
uuuu uuuu
SCFC1
-0x0 00--
-0x0 00--
-0x0 00--
-uuu uu--
SCFCKD
0000 0000
0000 0000
0000 0000
uuuu uuuu
LCDCTRL
000- 0000
000- 0000
000- 0000
uuu- uuuu
SEGCR
0000 0000
0000 0000
0000 0000
uuuu uuuu
VLCDC
0--- 0000
0--- 0000
0--- 0000
u--- uuuu
SPI0C0
1 1 1- --0-
1 1 1- --0-
1 1 1- --0-
uuu- --u-
SPI0C1
--00 0000
--00 0000
--00 0000
--uu uuuu
SPI0D
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
SPI1C0
1 1 1- --0-
1 1 1- --0-
1 1 1- --0-
uuu- --u-
SPI1C1
--00 0000
--00 0000
--00 0000
--uu uuuu
SPI1D
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
EEA
--xx xxxx
--xx xxxx
--xx xxxx
--uu uuuu
EED
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
LVRC
0101 0101
0101 0101
0101 0101
uuuu uuuu
TM0C0
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM0AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0AH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1C0
0000 0---
0000 0---
0000 0---
uuuu u---
TM1C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1DH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1AH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM�C0
0000 0---
0000 0---
0000 0---
uuuu u---
TM�C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM�DL
0000 0000
0000 0000
0000 0000
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com