Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 167 page
background image
Rev. 1.50
94
De�e��e� 01� �01�
Rev. 1.50
95
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
IftheT2CCLRbitintheTM2C1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlytheT2AFinterruptrequestflagwillbe
generatedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Thereforewhen
T2CCLRishighnoT2PFinterruptrequestflagwillbegenerated.IntheCompareMatchOutput
Mode,theCCRAcannotbesetto“0”.
Asthenameofthemodesuggests,afteracomparisonismade,theTMoutputpin,willchange
state.TheTMoutputpinconditionhoweveronlychangesstatewhenaT2AFinterruptrequestflag
isgeneratedafteracomparematchoccursfromComparatorA.TheT2PFinterruptrequestflag,
generatedfromacomparematchoccursfromComparatorP,willhavenoeffectontheTMoutput
pin.ThewayinwhichtheTMoutputpinchangesstatearedeterminedbytheconditionofthe
T2IO1andT2IO0bitsintheTM2C1register.TheTMoutputpincanbeselectedusingtheT2IO1
andT2IO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacomparematch
occursfromComparatorA.TheinitialconditionoftheTMoutputpin,whichissetupafterthe
T2ONbitchangesfromlowtohigh,issetupusingtheT2OCbit.NotethatiftheT2IO1andT2IO0
bitsarezerothennopinchangewilltakeplace.
C ounte� Value
CCRP
CCRA
TnO N
TnPAU
TnPO L
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TM O /P Pin
Ti� e
CCRP=0
CCRP > 0
C ounte� ove�flow
CCRP > 0
C ounte� �lea�ed �y C C R P value
Pause
Resu� e
Stop
Counte�
Resta�t
TnCCLR = 0; TnM [1:0] = 00
O utput pin set to
initial Level Low
if TnO C =0
O utput Toggle w ith
TnAF flag
N ote TnIO [1:0] = 10
A�tive H igh O utput sele�t
H e�e TnIO [1:0 ] = 11
Toggle O utput sele�t
O utput not affe�ted �y TnAF
flag. R e� ains H igh until �eset
�y TnO N �it
O utput Pin
R eset to Initial value
O utput �ont�olled �y
othe� pin-sha�ed fun�tion
O utput Inve�ts
w hen TnPO L is high
0xFFFF
Compare Match Output Mode - TnCCLR = 0 (n=2)
Note:1.WithTnCCLR=0aComparatorPmatchwillclearthecounter
2.TheTMoutputpiniscontrolledonlybytheTnAFflag
3.TheoutputpinisresettoitsinitialstatebyaTnONbitrisingedge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com