Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 167 page
background image
Rev. 1.50
34
De�e��e� 01� �01�
Rev. 1.50
35
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
00 H
01 H
02 H
03 H
04 H
05 H
06 H
07 H
08 H
09 H
0A H
0B H
0C H
0D H
0E H
0F H
10 H
11 H
12 H
13 H
14 H
15 H
16 H
17 H
18 H
19 H
1A H
1B H
1C H
1D H
1E H
1F H
20 H
21 H
22 H
23 H
24 H
25 H
26 H
27 H
28 H
29 H
2A H
2B H
2C H
2D H
2E H
2F H
30 H
31 H
32 H
33 H
34 H
35 H
36 H
37 H
38 H
39 H
3A H
3B H
3C H
3D H
3E H
3F H
40 H
41 H
42 H
43 H
44 H
45 H
46 H
47 H
48 H
49 H
4A H
4B H
4C H
4D H
4E H
4F H
50 H
51 H
52 H
53 H
54 H
55 H
56 H
57 H
58 H
59 H
5A H
5B H
5C H
5D H
5E H
5F H
60 H
61 H
62 H
63 H
64 H
65 H
66 H
67 H
68 H
69 H
6A H
6B H
6C H
6D H
6E H
6F H
70 H
71 H
72 H
73 H
74 H
75 H
76 H
77 H
78 H
79 H
7A H
7B H
7C H
7D H
7E H
7F H
Ba nk 0 ~4
Ba nk 0 , 2 ,3 ,4
Ba nk 1
IA R0
MP 0
IA R1
MP 1
BP
AC C
PC L
TB LP
TB LH
TB HP
ST AT US
IN TC 0
IN TC 1
MF IC 0
MF IC 1
TB C
PA
PA C
PAP U
PAW K
PB
PB C
PBP U
PC
PC C
PC PU
CT RL 2
CT RL 3
CT RL 1
Un us ed
Un us ed
VD DS PI CR
A DRL
AD RH
AD CR
AC SR
WD TC
PD
PD C
PD PU
MF IC 2
MF IC 3
MF IC 4
A NCS R
DA L
DA H
VO L
LV DC
CC VR EF C
PG AC 0
PG AC 1
PG AC 2
SC FC 0
SC FC 1
SC FC KD
L CDC TR L
SEG CR
VL CDC
SPI 0C 0
SPI 0C 1
SPI 0D
SPI 1C 0
SPI 1C 1
SPI 1D
TM 0C 0
TM 0C 1
TM 0D L
TM 0D H
TM 0A L
TM 0A H
TM 1C 0
TM 1C 1
TM 1D L
TM 1D H
TM 1A L
TM 1A H
TM 2C 0
TM 2C 1
TM 2D L
TM 2 DH
TM 2A L
TM 2A H
TM 2R P
SM OD 0
Un us ed
SM OD 1
SC KO C
CH PR C
FA RL
FA RH
FD 0L
FD 0H
FD 1L
FD 1H
FD 2L
FD 2H
FD 3L
FD 3H
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
EE A
EED
Un us ed
Un us ed
LV RC
EE C
Un us ed
Un us ed
FC 0
FC 1
FC 2
:U ni mp le m ent ed, r e ad as " 0"
Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com