Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 167 page
background image
Rev. 1.50
�8
De�e��e� 01� �01�
Rev. 1.50
�9
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
FD3H Register
Bit
7
6
5
4
3
2
1
0
Na�e
D15
D14
D13
D1�
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D15~D8:ThefourthflashROMdata[15:8]
Set Flash Write enable (FWEN)
InordertoallowusertochangeFlashROMdatathroughFlashcontrolregister,theusermustfirst
enabletheFlashwriteoperationbythefollowingprocedure:
• Write110totheFMOD2~FMOD0forsettingFWENmode.
• SetFWPENbitto1.Thestep1andstep2cansetsimultaneously.
• TheHardwarewillstarta300μscountertoallowtheuserwritingthecorrectpatterndatato
FD1L/FD1H~FD3L/FD3H.(Theclockof300μscounterisfromLIRC.)
• Once300μscounterisoverfloworthepatternisuncorrect.TheenableFlashwriteoperationis
failandtheusermustrepeattheaboveprocedureonemore.
• Nomatter,theoperationissuccessorfail.ThehardwarewillclearFWPENbitautomatically.
• Thepatterndatais(00H04H0DH09HC3H40H)toFD1L/FD1H~FD3L/FD3H.
• OncetheFlashwriteoperationisenable,theusercanchangetheFlashROMdatathroughthe
Flashcontrolregister.
• FordisabletheFlashwriteoperation,theuseronlyclearCFWEN,itisnoneedtowritetheabove
procedure.
Set Flash W�ite
ena�le
Set FMOD[�:0]=110 (FWEN �ode)
Set FWPEN=1�
Ha�dwa�e set a �ounte�
W�tie the following patte�n to Flash Data �egiste�
FD1L= 00h � FD1H = 04h
FD�L=0Dh � FD�H = 09h
FD3L=C3h � FD3H = 40h
Is patte�n is
�o��e�t ?
Is �ounte�
ove�flow ?
FWPEN=0 ?
yes
no
Set FWEN �ode fail
FWPEN=0
no
yes
Set FWEN �ode su��ess.
yes
no
END
Set Flash Write Enable Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com