Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 167 page
background image
Rev. 1.50
�4
De�e��e� 01� �01�
Rev. 1.50
�5
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
regardingthein-circuitprogrammingofthedevicearebeyondthescopeofthisdocumentandwill
besuppliedinsupplementaryliterature.
Duringtheprogrammingprocess,takingcontrolofthePA0andPA2I/Opinsfordataandclock
programmingpurposes.Theusermusttheretakecaretoensurethatnootheroutputsareconnected
tothesetwopins.
*
*
Wr it er _V DD
IC PD A
IC PC K
Wr it er _V SS
To o th er C ir cu it
PA2
VSS
PA 0
VD D
Wr it er C onne ct or
Si gnal s
M CU Pr og ra mm in g
Pi ns
Note:*mayberesistororcapacitor.Theresistanceof*mustbegreaterthan1korthe
capacitanceof*mustbelessthan1nF.
In Application Programming – IAP
ThisdeviceoffersIAPfunctiontoupdatedataorapplicationprogramtoflashROM.Userscan
defineanyROMlocationforIAP,buttherearesomefeatureswhichusermustnoticeinusingIAP
function.
• Erasepage:64words/page
• Writing:64words/time
• Reading:1word/time
In Application Programming Control Register
TheAddressregister,FARL/FARH,andtheDataregister,FD0L/FD0H,FD1L/FD1H,FD2L/FD2H
andFD3L/FD3H,locatedinDataMemoryBank0,togetherwiththeControlregister,FC0,FC1
andFC2,locatedinDataMemoryBank1arethecorrespondingFlashaccessregistersforIAP.As
indirectaddressingistheonlywaytoaccesstheFC0,FC1andFC2registers,allreadandwrite
operationstotheregistersmustbeperformedusingtheIndirectAddressingRegister,IAR1,andthe
MemoryPointer,MP1.BecausetheFC0,FC1andFC2controlregistersarelocatedattheaddressof
43H~45HinDataMemoryBank1,theMP1MemoryPointermustfirstbesettothevalue43H~45H
andtheBankPointersetto“1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com