Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 167 page
background image
Rev. 1.50
40
De�e��e� 01� �01�
Rev. 1.50
41
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
CTRL2 Register
Bit
7
6
5
4
3
2
1
0
Na�e
DACEN
CPDEN INT1ES1 INT1ES0 INT0ES1 INT0ES0
CPF
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
—
POR
0
0
1
0
1
0
0
—
Bit7
DACEN:DACdisable/enablecontrol
0:DACdisable
1:DACenable
TheDACcircuitisdisabledwhensystementerstheHALTmode.
Bit6
CPDEN:Chargepumpinputvoltagedetectorcircuitdisable/enablecontrol
0:disable
1:enable
IfCPDEN=0,theChargepumpvoltageinputdetectorcircuitisdisabled,CPFwill
remainat0,andthedetectorcircuitconsumesnopower.
Bit5~4
INT1ES1, INT1ES0:externalinterrupt1edgeselection
00:disable
01:risingedgetrigger
10:fallingedgetrigger
11:dualedgetrigger
Bit3~2
INT0ES1, INT0ES0:externalinterrupt0edgeselection
00:disable
01:risingedgetrigger
10:fallingedgetrigger
11:dualedgetrigger
Bit1
CPF:Chargepumpinputvoltagedetectorflag
0:Chargepumpinputvoltageisabove3.8V
1:Chargepumpinputvoltageisequaltoorunder3.8V
WhenCPDENandREGCENareenabled,theCPFwillbeworking.
Bit0
Unimplemented,readas“0”
CTRL3 Register
Bit
7
6
5
4
3
2
1
0
Na�e
SCFVREF4 SCFVREF3 SCFVREF� SCFVREF1 SCFVREF0
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
POR
0
0
0
0
0
—
—
—
Bit7~3
SCFVREF4~SCFVREF0:SCFOffsetVoltageselected
SCFOffsetVoltage=([SCFVREF4:0]/32)*VOREG
Bit2~0
Unimplemented,readas“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com