Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3W Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 167 page
background image
Rev. 1.50
38
De�e��e� 01� �01�
Rev. 1.50
39
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
System Control Register
CTRL1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
TPIOS�
TPIOS1
TPIOS0
TPOS�
TPOS1
TPOS0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas"0"
Bit5
TPIOS2:outputselectionofI/OandTP2_0/TP2_1
0:NormalI/O
1:TP2_0/TP2_1(timerfunction)
Bit4
TPIOS1:outputselectionofI/OandTP1_0/TP1_1
0:NormalI/O
1:TP1_0/TP1_1(timerfunction)
Bit3
TPIOS0:outputselectionofI/OandTP0_0/TP0_1
0:NormalI/O
1:TP0_0/TP0_1(timerfunction)
Bit2
TPOS2:outputselectionofTP2_0andTP2_1
0:TP2_0
1:TP2_1
Bit1
TPOS1:outputselectionofTP1_0andTP1_1
0:TP1_0
1:TP1_1
Bit0
TPOS0:outputselectionofTP0_0andTP0_1
0:TP0_0
1:TP0_1
Note:1.PriorityofPinSharingFunctions:SPI>Timer>I/O
2.ProcedureforSPIPinSharingFunctions:SPI0EN=1orSPI1EN=1
3.ProcedureforTimerPinSharingFunctions:SPI0EN=0orSPI1EN=0,and
TPIOS0=1orTPIOS1=1orTPIOS2=1(Note:WhenTPIOS0issetto1,
theoutputoftimerisTP0_1.ThepinTP0_0couldbeSPIorI/Ofunctions.If
TP0_0beusedSPIfunction,theSPI0ENissetto1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com