Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 231 page
background image
Rev. 1.60
�6
�ove��e� ��� �01�
Rev. 1.60
�7
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
External RC Oscillator – ERC (HT45F66/HT45F67)
UsingtheERCoscillatoronlyrequiresthataresistor,withavaluebetween56kΩand2.4MΩ,
isconnectedbetweenOSC1andVDD,andacapacitorisconnectedbetweenOSC1andground,
providingalowcostoscillatorconfiguration.Itisonlytheexternalresistorthatdeterminesthe
oscillationfrequency;theexternalcapacitorhasnoinfluenceoverthefrequencyandisconnected
forstabilitypurposesonly.Devicetrimmingduringthemanufacturingprocessandtheinclusion
ofinternalfrequencycompensationcircuitsareusedtoensurethattheinfluenceofthepower
supplyvoltage,temperatureandprocessvariationsontheoscillationfrequencyareminimised.Asa
resistance/frequencyreferencepoint,itcanbenotedthatwithanexternal120kΩresistorconnected
andwitha5Vvoltagepowersupplyandtemperatureof25°Cdegrees,theoscillatorwillhavea
frequencyof8MHzwithinatoleranceof2%.HereonlytheOSC1pinisused,whichissharedwith
I/OpinPC1,leavingpinPC2freeforuseasanormalI/Opin.
Foroscillatorstabilityandtominimisetheeffectsofnoiseandcrosstalk,itisimportanttolocatethe
capacitorandresistorasclosetotheMCUaspossible.
OSC1
OSC2
I/O
ROSC
20pF
VDD
External RC Oscillator – ERC
Internal RC Oscillator – HIRC
TheinternalRCoscillatorisafullyintegratedsystemoscillatorrequiringnoexternalcomponents.
TheinternalRCoscillatorhasthreefixedfrequenciesofeither4MHz,8MHzor12MHz.Device
trimmingduringthemanufacturingprocessandtheinclusionofinternalfrequencycompensation
circuitsareusedtoensurethattheinfluenceofthepowersupplyvoltage,temperatureandprocess
variationsontheoscillationfrequencyareminimised.Asaresult,atapowersupplyofeither3V
or5Vandatatemperatureof25°Cdegrees,thefixedoscillationfrequencyof4MHz,8MHzor
12MHzwillhaveatolerancewithin1%.Notethatifthisinternalsystemclockoptionisselected,as
itrequiresnoexternalpinsforitsoperation,I/OpinsarefreeforuseasnormalI/Opins.
External 32.768kHz Crystal Oscillator – LXT
TheExternal32.768kHzCrystalSystemOscillatorisoneofthelowfrequencyoscillatorchoices,
whichisselectedviaconfigurationoption.Thisclocksourcehasafixedfrequencyof32.768kHz
andrequiresa32.768kHzcrystaltobeconnectedbetweenpinsXT1andXT2.Theexternalresistor
andcapacitorcomponentsconnectedtothe32.768kHzcrystalarenecessarytoprovideoscillation.
Forapplicationswhereprecisefrequenciesareessential,thesecomponentsmayberequiredto
providefrequencycompensationduetodifferentcrystalmanufacturingtolerances.Duringpower-up
thereisatimedelayassociatedwiththeLXToscillatorwaitingforittostart-up.
WhenthemicrocontrollerenterstheSLEEPorIDLEMode,thesystemclockisswitchedofftostop
microcontrolleractivityandtoconservepower.However,inmanymicrocontrollerapplicationsit
maybenecessarytokeeptheinternaltimersoperationalevenwhenthemicrocontrollerisinthe
SLEEPorIDLEMode.Todothis,anotherclock,independentofthesystemclock,mustbeprovided.
However,forsomecrystals,toensureoscillationandaccuratefrequencygeneration,itisnecessary
toaddtwosmallvalueexternalcapacitors,C1andC2.TheexactvaluesofC1andC2should
beselectedinconsultationwiththecrystalorresonatormanufacturerspecification.Theexternal
parallelfeedbackresistor,RP,isrequired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com