Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 231 page
background image
Rev. 1.60
��
�ove��e� ��� �01�
Rev. 1.60
�3
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
LCD D.C. Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
ISTB
Stand�y Cu��ent (Idle)
(fSYS� fWDT off� fS=fSUB=fLXT o� fLIRC)
3V
�o load� syste� HALT� LCD
on� WDT off� C type
—
3
6
μA
�V
—
�
10
μA
IOL
LCD Co��on and Seg�ent Sink
Cu��ent
3V
VOL=0.1VLCD
�10
��0
—
μA
�V
3�0
700
—
μA
IOH
LCD Co��on and Seg�ent
Sou�ce Cu��ent
3V
VOH=0.9VLCD
-80
-160
—
μA
�V
-180
-360
—
μA
Audio DAC Electrical Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDAC
DAC ope�ating voltage
—
—
�.�
—
�.�
V
IDAC
DAC ope�ating cu��ent
�V
1 kHz sin wave� full-scale
—
3
�.�
�A
THD
Total Ha��onic Disto�tion
—
—
—
-��
-�8
d�
RES
Resolution
—
—
—
—
16
�it
VO
Output Voltage Level
—
—
0.01
—
0.99
VDD
10-bit DAC Electrical Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDAC
Ope�ating Voltage
—
—
�.�
—
�.�
V
I�L
Integ�al �on-linea�ity
3V
—
-�
—
+�
LSB
D�L
Diffe�ential �on-linea�ity
3V
—
-�
—
+�
LSB
RO
Output Resistance
3V
—
—
�
—
KΩ
VOS
DAC Output Voltage Sta�ility
3V
BGOS[1:0]=10
-�
—
+�
�V
VO
Output Voltage Level
—
—
0.01
—
0.99
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com