Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 231 page
background image
Rev. 1.60
�0
�ove��e� ��� �01�
Rev. 1.60
�1
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
IOL
I/O Po�t Sink Cu��ent
3V VOL=0.1VDD
�
8
—
�A
�V VOL=0.1VDD
10
�0
—
�A
IOH
I/O Po�t� Sou�ce Cu��ent
3V VOH=0.9VDD
-�
-�
—
�A
�V VOH=0.9VDD
-�
-10
—
�A
RPH
Pull-high Resistance of I/O Po�ts
3V
—
�0
60
100
kΩ
�V
—
10
30
�0
kΩ
A.C. Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
fCPU
Ope�ating Clock
�.�~�.�V
—
DC
—
�
MHz
�.�~�.�V
DC
—
8
MHz
�.7~�.�V
DC
—
1�
MHz
�.�~�.�V
DC
—
16
MHz
fSYS
Syste� Clock (HXT)
�.�~�.�V
—
0.�
—
�
MHz
�.�~�.�V
0.�
—
8
MHz
�.7~�.�V
0.�
—
1�
MHz
�.�~�.�V
0.�
—
16
MHz
fHIRC
Syste� Clock (HIRC)
3V/�V
Ta=��°C
-�%
�
+�%
MHz
3V/�V
Ta=��°C
-�%
8
+�%
MHz
�V
Ta=��°C
-�%
1�
+�%
MHz
�.�V~3.6V Ta=0~70°C
-7%
�
+7%
MHz
3.0V~�.�V Ta=0~70°C
-7%
�
+7%
MHz
�.�V~3.6V Ta=0~70°C
-7%
8
+7%
MHz
3.0V~�.�V Ta=0~70°C
-7%
8
+7%
MHz
3.0V~�.�V Ta=0~70°C
-7%
1�
+7%
MHz
fLXT
Syste� Clock (LXT)
—
—
—
3�768
—
Hz
tRES
Exte�nal Reset Low Pulse Width
—
—
10
—
—
μs
tSST
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� HALT)
—
fSYS=HXT o� LXT
10��
—
—
tSYS
fSYS=ERC o� HIRC
16
—
—
fSYS=LIRC
�
—
—
tI�T
Inte��upt Pulse Width
—
turn on RC filter
10
—
—
μs
tLVR
Low Voltage Width to Reset
—
—
1�0
��0
�80
μs
tLVD
Low Voltage Width to Inte��upt
—
—
�0
��
90
μs
tLVDS
LVDO Sta�le Ti�e
—
LVR disa�le
—
—
1�0
μs
—
LVR ena�le
—
—
1�
μs
Note:tSYS=1/fSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com