Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 231 page
background image
Rev. 1.60
16
�ove��e� ��� �01�
Rev. 1.60
17
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Pin Name
Function
OPT
I/T
O/T
Pin-Shared Mapping
SDA
I�C Data
—
ST
�MOS
PA�
OSC1
HXT/ERC Pin
CO
HXT
—
PC1
OSC�
HXT Pin
CO
—
HXT
PC�
XT1
LXT Pin
CO
LXT
—
PC3
XT�
LXT Pin
CO
—
LXT
PC�
OCDSCK
OCDS Clock
CO
ST
—
—
ICPCK
ICP Clock
CO
ST
—
—
RES
Reset Input
CO
ST
—
—
VDD
Powe� Supply
—
PWR
—
—
VSS
G�ound
—
PWR
—
—
AVDD
ADC Powe� Supply
—
PWR
—
—
AVSS
ADC G�ound
—
PWR
—
—
VG
Vi�tual G�ound
—
A�
—
PA6
OCDSDA
OCDS Add�ess/Data
—
ST
CMOS
PA0
ICPDA
ICP Add�ess/Data
—
ST
CMOS
PA0
SYSCKO
Syste� Cclock Output
—
—
CMOS
PH0
VAB
LCD Voltage Pu�p
—
—
—
—
VC
LCD Voltage Pu�p
—
—
—
—
C1� C�
LCD Voltage Pu�p
—
—
—
—
SEG0~7
LCD Seg�ent Output
—
—
CMOS
PD0~PD7
SEG8~1�
LCD Seg�ent Output
—
—
CMOS
PE0~PE7
SEG16~�3
LCD Seg�ent Output
—
—
CMOS
PF0~PF7
SEG��~SEG�9
LCD Seg�ent Output
—
—
CMOS
PG0~PG�
SEG30� SEG31
LCD Seg�ent Output
—
—
CMOS
—
COM0~COM�
LCD Co��on Output
—
—
CMOS
—
TX
UART se�ial data output pin
UCR1
UCR�
—
CMOS
PA1
RX
UART se�ial data input pin
UCR1
UCR�
ST
—
PC0
Note:I/T:Inputtype
O/T:Outputtype
OP:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power
CO:Configurationoption
ST:SchmittTriggerinput
CMOS:CMOSoutput
NMOS:NMOSoutput
AN:Analoginputpin
AO:Analogoutputpin
HXT:Highfrequencycrystaloscillator
LXT:Lowfrequencycrystaloscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com