Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 231 page
background image
Rev. 1.60
76
�ove��e� ��� �01�
Rev. 1.60
77
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Port A Wake-up
TheHALTinstructionforcesthemicrocontrollerintotheSLEEPorIDLEModewhichpreserves
power,afeaturethatisimportantforbatteryandotherlow-powerapplications.Variousmethods
existtowake-upthemicrocontroller,oneofwhichistochangethelogicconditionononeofthePort
Apinsfromhightolow.Thisfunctionisespeciallysuitableforapplicationsthatcanbewokenup
viaexternalswitches.EachpinonPortAcanbeselectedindividuallytohavethiswake-upfeature
usingthePAWUregister.
PAWU Register
Bit
7
6
5
4
3
2
1
0
�a�e
PAWU7
PAWU6
PAWU�
PAWU�
PAWU3
PAWU�
PAWU1
PAWU0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
PAWU7~PAWU0:PortAbit7~bit0Wake-upControl
0:Disable
1:Enable
I/O Port Control Registers
EachI/OporthasitsowncontrolregisterknownasPAC~PHC,tocontroltheinput/output
configuration.Withthiscontrolregister,eachCMOSoutputorinputcanbereconfigured
dynamicallyundersoftwarecontrol.EachpinoftheI/Oportsisdirectlymappedtoabitinits
associatedportcontrolregister.FortheI/Opintofunctionasaninput,thecorrespondingbitofthe
controlregistermustbewrittenasa"1".Thiswillthenallowthelogicstateoftheinputpintobe
directlyreadbyinstructions.Whenthecorrespondingbitofthecontrolregisteriswrittenasa"0",
theI/OpinwillbesetupasaCMOSoutput.Ifthepiniscurrentlysetupasanoutput,instructions
canstillbeusedtoreadtheoutputregister.However,itshouldbenotedthattheprogramwillinfact
onlyreadthestatusoftheoutputdatalatchandnottheactuallogicstatusoftheoutputpin.
PAC Register
Bit
7
6
5
4
3
2
1
0
�a�e
PAC7
PAC6
PAC�
PAC�
PAC3
PAC�
PAC1
PAC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
PBC Register
Bit
7
6
5
4
3
2
1
0
�a�e
PBC7
PBC6
PBC�
PBC�
PBC3
PBC�
PBC1
PBC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
PCC Register (HT45F65)
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
—
PCC�
PCC3
PCC�
PCC1
PCC0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com