Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 231 page
background image
Rev. 1.60
�6
�ove��e� ��� �01�
Rev. 1.60
�7
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
SomeconfigurationoptionsdetermineiftheXT1/XT2pinsareusedfortheLXToscillatororasI/Opins.
• IftheLXToscillatorisnotusedforanyclocksource,theXT1/XT2pinscanbeusedasnormalI/Opins.
• IftheLXToscillatorisusedforanyclocksource,the32.768kHzcrystalshouldbeconnectedto
theXT1/XT2pins.
Foroscillatorstabilityandtominimisetheeffectsofnoiseandcrosstalk,itisimportanttoensure
thatthecrystalandanyassociatedresistorsandcapacitorsalongwithinterconnectinglinesareall
locatedasclosetotheMCUaspossible.
To i nt er nal
ci rc ui ts
In te r nal
O sc ill at or
Ci rc ui t
C1
C2
Rp
No te :1 . Rp , C1 and C 2 ar e re qui r ed.
2. A lt hough not s how n pi ns h av e a
par as it ic c apac it an ce o f a r ound 7pF .
32. 7 68k Hz
In te r nal R C
O sc illa to r
External LXT Oscillator
LXT Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
3�.768kHz
10pF
10pF
�ote: 1. C1 and C� values a�e fo� guidance only.
�. RP=5M~10MΩ is recommended.
32.768kHz Crystal Recommended Capacitor Values
LXT Oscillator Low Power Function
TheLXToscillatorcanfunctioninoneoftwomodes,theQuickStartModeandtheLowPower
Mode.ThemodeselectionisexecutedusingtheLXTLPbitintheTBCregister.
LXTLP Bit
LXT Mode
0
Quick Sta�t
1
Low-powe�
Afterpoweron,theLXTLPbitwillbeautomaticallyclearedtozeroensuringthattheLXToscillator
isintheQuickStartoperatingmode.IntheQuickStartModetheLXToscillatorwillpowerup
andstabilisequickly.However,aftertheLXToscillatorhasfullypoweredupitcanbeplaced
intotheLow-powermodebysettingtheLXTLPbithigh.Theoscillatorwillcontinuetorunbut
withreducedcurrentconsumption,asthehighercurrentconsumptionisonlyrequiredduringthe
LXToscillatorstart-up.Inpowersensitiveapplications,suchasbatteryapplications,wherepower
consumptionmustbekepttoaminimum,itisthereforerecommendedthattheapplicationprogram
setstheLXTLPbithighabout2secondsafterpower-on.
Itshouldbenotedthat,nomatterwhatconditiontheLXTLPbitissetto,theLXToscillatorwill
alwaysfunctionnormally,theonlydifferenceisthatitwilltakemoretimetostartupifintheLow-
powermode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com