Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 231 page
background image
Rev. 1.60
70
�ove��e� ��� �01�
Rev. 1.60
71
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Register
Power On Reset
RES or LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(Halt)
TM3DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM3DH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM3AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM3AH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
LCDC
000- ---0
000- ---0
000- ---0
uuu- ---u
SPI1C0
1110 0000
1110 0000
1110 0000
uuuu uuuu
SPI1C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
SPI1D
0000 0000
0000 0000
0000 0000
uuuu uuuu
ADAC
000- ---0
000- ---0
000- ---0
uuu- uuuu
ADAL
0000 ----
0000 ----
0000 ----
uuuu ----
ADAH
0000 0000
0000 0000
0000 0000
uuuu uuuu
BGC
---0 --00
---0 --00
---0 --00
---u --uu
DAC
---- ---0
---- ---0
---- ---0
---- ---u
DAL
00- - - - - -
00- - - - - -
00- - - - - -
uu- - - - - -
DAH
0000 0000
0000 0000
0000 0000
0000 0000
TSC
0-00 0000
0-00 0000
0-00 0000
u-uu uuuu
FARL
0000 0000
0000 0000
0000 0000
uuuu uuuu
FARH
--00 0000
--00 0000
--00 0000
--uu uuuu
FD0L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD0H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD1L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD1H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD�L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD�H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD3L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD3H
0000 0000
0000 0000
0000 0000
uuuu uuuu
PVREF
0000 0000
0000 0000
0000 0000
uuuu uuuu
OPC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
OPC�
0000 0000
0000 0000
0000 0000
uuuu uuuu
FC0
0000 0000
0000 0000
0000 0000
uuuu uuuu
FC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
FC�
---- ---0
---- ---0
---- ---0
---- ---u
Note:"u"standsforunchanged
"x"standsforunknown
"-"standsforunimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com