Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 231 page
background image
Rev. 1.60
9�
�ove��e� ��� �01�
Rev. 1.60
9�
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Compact Type TM Register Description
OveralloperationoftheCompactTMiscontrolledusingsixregisters.Areadonlyregisterpair
existstostoretheinternalcounter10-bitvalue,whilearead/writeregisterpairexiststostorethe
internal10-bitCCRAvalue.Theremainingtworegistersarecontrolregisterswhichsetupthe
differentoperatingandcontrolmodesaswellasthethreeCCRPbits.
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TMnC0
TnPAU
TnCK�
TnCK1
TnCK0
TnO�
TnRP�
TnRP1
TnRP0
TMnC1
TnM1
TnM0
TnIO1
TnIO0
TnOC
TnPOL
TnDPX
TnCCLR
TMnDL
D7
D6
D�
D�
D3
D�
D1
D0
TMnDH
—
—
—
—
—
—
D9
D8
TMnAL
D7
D6
D�
D�
D3
D�
D1
D0
TMnAH
—
—
—
—
—
—
D9
D8
Compact TM Register List
TMnC0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
TnPAU
TnCK�
TnCK1
TnCK0
TnO�
TnRP�
TnRP1
TnRP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
TnPAU:TMnCounterPauseControl
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheTMwillremainpoweredup
andcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhenthisbit
changesfromlowtohighandresumecountingfromthisvaluewhenthebitchanges
toalowvalueagain.
Bit6~4
TnCK2~TnCK0:SelectTMnCounterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fTBC
101:Undefined
110:TCKnrisingedgeclock
111:TCKnfallingedgeclock
ThesethreebitsareusedtoselecttheclocksourcefortheTM.SelectingtheReserved
clockinputwilleffectivelydisabletheinternalcounter.Theexternalpinclocksource
canbechosentobeactiveontherisingorfallingedge.TheclocksourcefSYSisthe
systemclock,whilefHandfTBCareotherinternalclocks,thedetailsofwhichcanbe
foundintheoscillatorsection.
Bit3
TnON:TMnCounterOn/OffControl
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionoftheTM.Settingthebithighenablesthe
countertorun,clearingthebitdisablestheTM.Clearingthisbittozerowillstopthecounter
fromcountingandturnofftheTMwhichwillreduceitspowerconsumption.Whenthebit
changesstatefromlowtohightheinternalcountervaluewillberesettozero,howeverwhen
thebitchangesfromhightolow,theinternalcounterwillretainitsresidualvalue.Ifthe
TMisintheCompareMatchOutputModethentheTMoutputpinwillberesettoitsinitial
condition,asspecifiedbytheTnOCbit,whentheTnONbitchangesfromlowtohigh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com