Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 231 page
background image
Rev. 1.60
��
�ove��e� ��� �01�
Rev. 1.60
��
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Forinstructionsinvolvingbranches,suchasjumporcallinstructions,twomachinecyclesare
requiredtocompleteinstructionexecution.Anextracycleisrequiredastheprogramtakesone
cycletofirstobtaintheactualjumporcalladdressandthenanothercycletoactuallyexecutethe
branch.Therequirementforthisextracycleshouldbetakenintoaccountbyprogrammersintiming
sensitiveapplications.
Fe tc h In st . 1E xe cu te I ns t. 1
Fe tc h In st . 2
Fl us h Pi pel in e
1
2
3
4
5
6 DE LA Y:
MO V A, [1 2H ]
CA LL D EL AY
CP L [ 12H ]
:
:
NO P
Ex ec ut e In st . 2
Fe tc h In st . 3
Fe tc h In st . 6
Ex ec ut e In s t. 6
Fe tc h In st . 7
Instruction Fetching
Program Counter
Duringprogramexecution,theProgramCounterisusedtokeeptrackoftheaddressofthenext
instructiontobeexecuted.Itisautomaticallyincrementedbyoneeachtimeaninstructionisex-
ecutedexceptforinstructions,suchas"JMP"or"CALL"thatdemandsajumptoanon-consecutive
ProgramMemoryaddress.Onlythelower8bits,knownastheProgramCounterLowRegister,are
directlyaddressablebytheapplicationprogram.
Whenexecutinginstructionsrequiringjumpstonon-consecutiveaddressessuchasajump
instruction,asubroutinecall,interruptorreset,etc.,themicrocontrollermanagesprogramcontrol
byloadingtherequiredaddressintotheProgramCounter.Forconditionalskipinstructions,once
theconditionhasbeenmet,thenextinstruction,whichhasalreadybeenfetchedduringthepresent
instructionexecution,isdiscardedandadummycycletakesitsplacewhilethecorrectinstructionis
obtained.
Part No.
Program Counter
High Byte
Low Byte
HT��F6�
PC1�~PC8
PCL7~PCL0
HT��F66
BP.�
PC1�~PC8
HT��F67
BP.6~BP.�
Note:1.BP.5:BankPointerRegisterbit5forHT45F66.
2.BP.6~BP.5:BankPointerRegisterbit6~bit5forHT45F67.
Program Counter
ThelowerbyteoftheProgramCounter,knownastheProgramCounterLowregisterorPCL,is
availableforprogramcontrolandisareadableandwriteableregister.Bytransferringdatadirectly
intothisregister,ashortprogramjumpcanbeexecuteddirectly,however,asonlythislowbyte
isavailableformanipulation,thejumpsarelimitedtothepresentpageofmemory,thatis256
locations.Whensuchprogramjumpsareexecuteditshouldalsobenotedthatadummycycle
willbeinserted.ManipulatingthePCLregistermaycauseprogrambranching,soanextracycleis
neededtopre-fetch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com