Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 94 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 94 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 98Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 231 page
background image
Rev. 1.60
9�
�ove��e� ��� �01�
Rev. 1.60
9�
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Compact Type TM – CTM
AlthoughthesimplestformofthethreeTMtypes,theCompactTMtypestillcontainsthree
operatingmodes,whichareCompareMatchOutput,Timer/EventCounterandPWMOutputmodes.
TheCompactTMcanalsobecontrolledwithanexternalinputpinandcandrivetwoexternaloutput
pins.Thesetwoexternaloutputpinscanbethesamesignalortheinversesignal.
Device
Name
TM No. TM Input Pin
TM Output Pin
HT��F6�
10-�it CTM
0� 1
TCK0� TCK1
TP0_0� TP0_1; TP1_0� TP1_1
HT��F66/HT��F67
10-�it CTM
0� 3
TCK0� TCK3
TP0_0� TP0_1; TP3_0� TP3_1
Compact TM Operation
Atitscoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternalorexternalclock
source.Therearealsotwointernalcomparatorswiththenames,ComparatorAandComparator
P.ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRAregisters.The
CCRPisthreebitswidewhosevalueiscomparedwiththehighestthreebitsinthecounterwhilethe
CCRAisthetenbitsandthereforecompareswithallcounterbits.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheTnONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheCompact
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.
CCRP
CCRA
Tn CC LR
Co mp ar at or P M at ch
Co mp ar at or A Ma tc h
Tn CK 2~ Tn CK 0
Tn ON
Tn PAU
b7 ~b 9
3 -b it C om par at or P
TC Kn
10 - bi t Co m par at or A
Co unt er C le ar
10 -b it C ount -u p Co unt er
Tn PF I nt e rru pt
Tn AF I nt e rru pt
TP n Pi n
Ou tp u t
b0 ~b 9
Tn M1 , Tn M0
Tn IO 1, T nI O0
Tn PO L
Tn OC
Po la ri ty
Co nt ro l
Ou tp u t
Co nt ro l
TP n_0
TP n_1
11 1
00 0
00 1
01 0
01 1
10 0
10 1
11 0
f SYS /4
f SYS
f H /1 6
f H /6 4
f TB C
Re se rv ed
0
1
Compact Type TM Block Diagram
(for HT45F65, n=0 or 1; for HT45F66/HT45F67, n=0 or 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com