Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 231 page
background image
Rev. 1.60
7�
�ove��e� ��� �01�
Rev. 1.60
73
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Register
Power On Reset
RES or LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(Halt)
PF
1111 1111
1111 1111
1111 1111
uuuu uuuu
PFC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PGPU
--00 0000
--00 0000
--00 0000
--uu uuuu
PG
- - 11 1111
- - 11 1111
- - 11 1111
--uu uuuu
PGC
- - 11 1111
- - 11 1111
- - 11 1111
--uu uuuu
PHPU
-000 0000
-000 0000
-000 0000
-uuu uuuu
PH
- 111 1111
- 111 1111
- 111 1111
-uuu uuuu
PHC
- 111 1111
- 111 1111
- 111 1111
-uuu uuuu
PAFS
00- - - - - -
00- - - - - -
00- - - - - -
uu- - - - - -
PBFS
0000 0000
0000 0000
0000 0000
uuuu uuuu
PCFS
--0- ----
--0- ----
--0- ----
--u- ----
PDFS
0000 0000
0000 0000
0000 0000
uuuu uuuu
PEFS
0000 0000
0000 0000
0000 0000
uuuu uuuu
PFFS
0000 0000
0000 0000
0000 0000
uuuu uuuu
PGFS
--00 0000
--00 0000
--00 0000
--uu uuuu
PHFS
---- ---0
---- ---0
---- ---0
---- ---u
SFS0
0000 0000
0000 0000
0000 0000
uuuu uuuu
SFS1
0000 0000
0000 0000
0000 0000
uuuu uuuu
SMOD1
0--- -x00
0--- -x00
0--- -x00
u--- -uuu
LVRC
0101 0101
0101 0101
0101 0101
u uuu uuuu
ADRL
xxxx ----
xxxx ----
xxxx ----
uuuu ----
USR
0 00 0 1 011
0 00 0 1 011
0 00 0 1 011
uuuu uuuu
UCR1
0000 00x0
0000 00x0
0000 00x0
uuuu uuuu
UCR�
0000 0000
0000 0000
0000 0000
uuuu uuuu
BRG
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TXR/RXR
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR0
01 1- -000
01 1- -000
01 1- -000
uuu- -uuu
ADCR1
---- -000
---- -000
---- -000
---- -uuu
ADCR�
---- 0000
---- 0000
---- 0000
---- uuuu
SIMC0
1110 0000
1110 0000
1110 0000
uuuu uuuu
SIMC1
1000 0001
1000 0001
1000 0001
uuuu uuuu
SIMD
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
SIMA
xxxx xxx-
xxxx xxx-
xxxx xxx-
uuuu uuuu
SIMC�
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0C0
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM0AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0AH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1C0
0000 0000
0000 0000
0000 0000
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com