Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 231 page
background image
Rev. 1.60
30
�ove��e� ��� �01�
Rev. 1.60
31
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
FC0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
CFWE�
FMOD�
FMOD1
FMOD0
FWPE�
FWT
FRDE�
FRD
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
CFWEN:ConfirmtheFWENstatus
0:FlashROMwritedisable
1:softwarewrite1noaction
Whenthisbitisclearbyfirmware,theIAPcontrollerexitsFWENmode.Theusercan
readthisbittoconfirmtheFWENstatus.
Bit6~4
FMOD2~FMOD0:Modeselection.
000:writeprogramROM
001:pageeraseprogramROM
010:reserved
011:readprogramROM
101:reserved
110:FWEN(flashROMwriteenable)mode
111:reserved
Bit3
FWPEN:FlashROMwriteprocedureenable.
0:disabled
1:enabled
Whenthisbitissetto"1"andFMOD2~FMOD0issetto110,theprogramcanexecute
"Setflashwriteenable(FWEN)".
Whenthisbitissetto"1"andFMOD2~FMOD0issetto000,thecontrollerwillmove
register(FD0LandFD0H)datatoflashROMinternalpagebuffer.
Bit2
FWT:FlashROMwritecontrolbit
0:DonotinitiateFlashROMwriteorFlashROMWriteprocessiscompleted.
1:InitiateFlashROMwriteprocess
Thisbitcanbesetbysoftwareonly,whenwriteprocesscompleted,hardwarewill
clear"FWT"bit.
Bit1
FRDEN:FlashROMreadenablebit
0:FlashROMreaddisable
1:FlashROMreadenable
Bit0
FRD:FlashROMreadcontrolbit
0:DonotinitiateFlashreadorFlashreadprocessiscompleted
1:InitiateFlashreadprocess
Thisbitcanbesetbysoftwareonly,whenreadprocesscompleted,hardwarewillclear
"FRD"bit.
FC1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D6
D�
D�
D3
D�
D1
D0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
55H:wholechipreset
Whenuserwrites55Htothisregister,itwillgeneratearesetsignaltoresetwholechip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com