Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 231 page
background image
Rev. 1.60
��
�ove��e� ��� �01�
Rev. 1.60
��
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Bit1
AC:Auxiliaryflag
0:noauxiliarycarry
1:anoperationresultsinacarryoutofthelownibblesinaddition,ornoborrowfrom
thehighnibbleintothelownibbleinsubtraction
Bit0
C:Carryflag
0:nocarry-out
1:anoperationresultsinacarryduringanadditionoperationorifaborrowdoesnot
takeplaceduringasubtractionoperation
Cisalsoaffectedbyarotatethroughcarryinstruction.
Oscillator
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimisationcanbeachievedintermsofspeedandpowersaving.Oscillatorselectionsandoperation
areselectedthroughacombinationofconfigurationoptionsandregisters.
Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerandTimeBaseInterrupts.Externaloscillatorsrequiringsomeexternal
componentsaswellasfullyintegratedinternaloscillators,requiringnoexternalcomponents,
areprovidedtoformawiderangeofbothfastandslowsystemoscillators.Alloscillatoroptions
areselectedthroughtheconfigurationoptions.Thehigherfrequencyoscillatorsprovidehigher
performancebutcarrywithitthedisadvantageofhigherpowerrequirements,whiletheopposite
isofcoursetrueforthelowerfrequencyoscillators.Withthecapabilityofdynamicallyswitching
betweenfastandslowsystemclock,thedevicehastheflexibilitytooptimizetheperformance/
powerratio,afeatureespeciallyimportantinpowersensitiveportableapplications.
Type
Name
Freq.
Pins
Exte�nal C�ystal
HXT
�00kHz~�0MHz
OSC1/OSC�
Exte�nal RC
ERC
8MHz
OSC1
Inte�nal High Speed RC
HIRC
�� 8 o� 1�MHz
—
Exte�nal Low Speed C�ystal
LXT
3�.768kHz
XT1/XT�
Inte�nal Low Speed RC
LIRC
3�kHz
—
Note:TheexternalRCoscillatoronlyexistsintheHT45F66/HT45F67.
Oscillator Types
System Clock Configurations
Therearefivemethodsofgeneratingthesystemclock,threehighspeedoscillatorsandtwolow
speedoscillators.Thehighspeedoscillatorsaretheexternalcrystal/ceramicoscillator,externalRC
oscillatorandtheinternal4MHz,8MHzor12MHzRCoscillator.Thetwolowspeedoscillatorsare
theinternal32kHzRCoscillatorandtheexternal32.768kHzcrystaloscillator.Selectingwhetherthe
loworhighspeedoscillatorisusedasthesystemoscillatorisimplementedusingtheHLCLKbit
andCKS2~CKS0bitsintheSMOD0registerandasthesystemclockcanbedynamicallyselected.
Theactualsourceclockusedforeachofthehighspeedandlowspeedoscillatorsischosen
viaconfigurationoptions.Thefrequencyoftheslowspeedorhighspeedsystemclockisalso
determinedusingtheHLCLKbitandCKS2~CKS0bitsintheSMOD0register.Notethattwo
oscillatorselectionsmustbemadenamelyonehighspeedandonelowspeedsystemoscillators.Itis
notpossibletochooseano-oscillatorselectionforeitherthehighorlowspeedoscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com