Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 231 page
background image
Rev. 1.60
66
�ove��e� ��� �01�
Rev. 1.60
67
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Register
Name
Power On Reset
External or LVR
Reset
WDT Reset
from Normal
Operation State
WDT Reset from
Halt State
ADAC
000- ---0
000- ---0
000- ---0
uuu- uuuu
ADAL
0000 ----
0000 ----
0000 ----
uuuu ----
ADAH
0000 0000
0000 0000
0000 0000
uuuu uuuu
BGC
---0 --00
---0 --00
---0 --00
---u --uu
DAC
---- ---0
---- ---0
---- ---0
---- ---u
DAL
00- - - - - -
00- - - - - -
00- - - - - -
uu- - - - - -
DAH
0000 0000
0000 0000
0000 0000
0000 0000
TSC
0-00 0000
0-00 0000
0-00 0000
u-uu uuuu
PVREF
0000 0000
0000 0000
0000 0000
uuuu uuuu
FARL
0000 0000
0000 0000
0000 0000
uuuu uuuu
FARH
---0 0000
---0 0000
---0 0000
---u uuuu
FD0L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD0H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD1L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD1H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD�L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD�H
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD3L
0000 0000
0000 0000
0000 0000
uuuu uuuu
FD3H
0000 0000
0000 0000
0000 0000
uuuu uuuu
OPC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
OPC�
0000 0000
0000 0000
0000 0000
uuuu uuuu
Note:"u"standsforunchanged
"x"standsforunknown
"-"standsforunimplemented
HT45F66
Register
Power On Reset
RES or LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(Halt)
IAR0
---- ----
---- ----
---- ----
---- ----
MP0
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
IAR1
---- ----
---- ----
---- ----
---- ----
MP1
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
BP
--0- --00
--0- --00
--0- --00
--u- --uu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBHP
-xxx xxxx
-uuu uuuu
-uuu uuuu
-uuu uuuu
STATUS
--00 xxxx
--uu uuuu
--1u uuuu
--1 1 uuuu
SMOD0
0 00 0 0 011
0 00 0 0 011
0 00 0 0 011
uuuu uuuu
LVDC
--00 -000
--00 -000
--00 -000
--uu -uuu
I�TEG
---- 0000
---- 0000
---- 0000
---- uuuu
WDTC
0 10 1 0 011
0 10 1 0 011
0 10 1 0 011
u uuu uuuu
TBC
0011 0111
0011 0111
0011 0111
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com