Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 231 page
background image
Rev. 1.60
3�
�ove��e� ��� �01�
Rev. 1.60
3�
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
FD3L Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D6
D�
D�
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:ThefourthflashROMdata[7:0]
FD3H Register
Bit
7
6
5
4
3
2
1
0
�a�e
D1�
D1�
D13
D1�
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D15~D8:ThefourthflashROMdata[15:8]
Set Flash Write Enable (FWEN)
InordertoallowusertochangeFlashROMdatathroughFlashcontrolregister,theusermustfirst
enabletheFlashwriteoperationbythefollowingprocedure:
• Write110totheFMOD2~FMOD0forsettingFWENmode
• SetFWPENbitto1.Thestep1andstep2cansetsimultaneously
• TheHardwarewillstarta300μscountertoallowtheuserwritingthecorrectpatterndatato
FD1L/FD1H~FD3L/FD3H.(Theclockof300μscounterisfromLIRC.)
• Once300μscounterisoverfloworthepatternisuncorrect.TheenableFlashwriteoperationis
failandtheusermustrepeattheaboveprocedureonemore
• Nomatter,theoperationissuccessorfail.ThehardwarewillclearFWPENbitautomatically
• Thepatterndatais(00H04H0DH09HC3H40H)toFD1L/FD1H~FD3L/FD3H
• OncetheFlashwriteoperationisenable,theusercanchangetheFlashROMdatathroughthe
Flashcontrolregister
• FordisabletheFlashwriteoperation,theuseronlyclearCFWEN,itisnoneedtowritetheabove
procedure
Set Flash Write
enable
Set FMOD[2:0]=110 (FWEN mode)
Set FWPEN=1,
Hardware set a counter
Wrtie the following pattern to Flash Data register
FD1L= 00h , FD1H = 04h
FD2L=0dh , FD2H = 09h
FD3L=C3h , FD3H = 40h
Is pattern is
correct ?
Is counter
overflow ?
FWPEN=0 ?
yes
no
Set FWEN mode fail
FWPEN=0
no
yes
Set FWEN mode success.
yes
no
END
Set Flash Write Enable Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com