Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 231 page
background image
Rev. 1.60
�0
�ove��e� ��� �01�
Rev. 1.60
�1
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
ADC & Bandgap Electrical Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
AVDD
Analog ope�ating voltage
—
—
�.�
—
�.�
V
VADI
AD Input Voltage
—
—
0
—
VREF
V
VREF
ADC Input Refe�ence Voltage
Range
—
—
�.0
— AVDD
V
VBG
Bandgap Refe�ence With Buffe�
Voltage
—
AVDD=3V
-3% �.0 +3%
V
tBG
Temperature coefficient of Build-in
Band gap �efe�ence voltage
—
AVDD=3V� T=10~�0°C
-30
— +170 pp�/
°C
IBG
Bandgap Refe�ence With Buffe�
D�iving Cu��ent
—
VBG is used� LVR disa�le�
LVDE�=0� BGOS[1:0]=10�
BGE�=1
—
�00 �00
μA
IBG1
Bandgap Refe�ence With Buffe�
D�iving Cu��ent
—
VBG is used� LVR disa�le�
LVDE�=0� BGOS[1:0]=00 o� 01
BGE�=1
—
��0 6�0
μA
D�L
Diffe�ential �on-linea�ity
3V
tAD=0.�μs
-3
—
+3
LSB
I�L
Integ�al �on-linea�ity
3V
tAD=0.�μs
-�
—
+�
LSB
IADC
Additional Powe� Consu�ption if
A/D Conve�te� is used
3V
�o load� tAD=0.5μs
—
1.0
�.0
�A
�V
�o load� tAD=0.5μs
—
1.�
3.0
�A
tBGS
VBG Tu�n on Sta�le Ti�e
—
—
10
—
—
�s
tAD
A/D Clock Pe�iod
�.7~�.�V
—
0.�
—
100
μs
tADC
A/D Conve�sion Ti�e
�.7~�.�V 1� �it ADC
—
16
—
tAD
tO��ST
ADC on to ADC sta�t
�.7~�.�V
—
�
—
—
μs
Note:ADCconversiontime(tADC)=n(bitsADC)+4(samplingtime),theconversionforeachbitneedsoneADC
clock(tAD).
Power-on Reset Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VPOR
VDD Sta�t Voltage to Ensu�e Powe�-on Reset
—
—
—
—
100
�V
RRVDD
VDD Raising Rate to Ensu�e Powe�-on Reset
—
—
0.03�
—
—
V/�s
tPOR
Mini�u� Ti�e fo� VDD Stays at VPOR to
Ensu�e Powe�-on Reset
—
—
1
—
—
�s
Ti me
V DD
V PO R
RR VD D
t PO R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com