Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 231 page
background image
Rev. 1.60
18
�ove��e� ��� �01�
Rev. 1.60
19
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOHTotal....................................................................................................................................-80mA
IOLTotal..................................................................................................................................... 80mA
TotalPowerDissipation........................................................................................................ 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesat
otherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposureto
extremeconditionsmayaffectdevicesreliability.
D.C. Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD1
Ope�ating Voltage
(HXT/ERC)
—
fSYS=�MHz
�.�
—
�.�
V
fSYS=8MHz
�.�
—
�.�
V
fSYS=1�MHz
�.7
—
�.�
V
fSYS=16MHz
�.�
—
�.�
V
VDD�
Ope�ating Voltage
(HIRC)
—
fSYS=�MHz
�.�
—
�.�
V
fSYS=8MHz
�.�
—
�.�
V
fSYS=1�MHz
�.7
—
�.�
V
IDD1
Ope�ating Cu��ent
(fSYS=fH� fS=fSUB=fLXT o� fLIRC)
3V �o load� fH=���kHz� ADC off�
WDT ena�le
—
100
1�0
μA
�V
—
�80
��0
μA
3V �o load� fH=1MHz� ADC off�
WDT ena�le
—
��0
�00
μA
�V
—
�00
1000
μA
3V �o load� fH=�MHz� ADC off�
WDT ena�le
—
��0
630
μA
�V
—
700
1000
μA
3V �o load� fH=8MHz� ADC off�
WDT ena�le
—
0.8
1.�
�A
�V
—
1.�
3.0
�A
3V �o load� fH=1�MHz� ADC off�
WDT ena�le
—
1.�
�.�
�A
�V
—
3.0
�.0
�A
�V �o load� f
H
=16MHz� ADC off�
WDT ena�le
—
�.0
8.0
�A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com