Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F65 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 231 page
background image
Rev. 1.60
��
�ove��e� ��� �01�
Rev. 1.60
��
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
HX T
HI RC
LI RC
Hi gh Sp ee d
O sci lla ti on
Lo w S pee d
O sci lla ti on
f H
Hi gh Sp e ed Os c illa ti on
Co nf i gur at io n Op ti on
f H /6 4
f H /3 2
f H /1 6
f H /8
f H /4
f H /2
6- st age P re sc al er
f L
f SU B
f SYS
HL CL K,
CK S2 ~C KS 0 bi ts
Fa st W ak e- up fr om S L EEP M ode o r
ID LE M o de Co nt ro l (f or H XT o nl y)
ER C
LX T
Lo w S peed Os c illa ti on
Co nf i gur at io n Op ti on
Note:TheexternalRCoscillatoronlyexistsintheHT45F66/HT45F67.
System Clock Configurations
External Crystal/Ceramic Oscillator – HXT
TheExternalCrystal/CeramicSystemOscillatorisoneofthehighfrequencyoscillatorchoices,
whichisselectedviaconfigurationoption.Formostcrystaloscillatorconfigurations,thesimple
connectionofacrystalacrossOSC1andOSC2willcreatethenecessaryphaseshiftandfeedbackfor
oscillation,withoutrequiringexternalcapacitors.However,forsomecrystaltypesandfrequencies,
toensureoscillation,itmaybenecessarytoaddtwosmallvaluecapacitors,C1andC2.Usinga
ceramicresonatorwillusuallyrequiretwosmallvaluecapacitors,C1andC2,tobeconnectedas
shownforoscillationtooccur.ThevaluesofC1andC2shouldbeselectedinconsultationwiththe
crystalorresonatormanufacturer’sspecification.
Foroscillatorstabilityandtominimisetheeffectsofnoiseandcrosstalk,itisimportanttoensure
thatthecrystalandanyassociatedresistorsandcapacitorsalongwithinterconnectinglinesareall
locatedasclosetotheMCUaspossible.
To i nt er nal
ci rc ui ts
In te rn al
O sci lla to r
Ci rc ui t
C1
C2
Rp
No te :1 . Rp i s nor ma lly not r equi r ed, C 1 and C2 a re r equ ir ed.
2. A lt hough not s how n OS C1 /O S C2 p in s ha ve a p ar as it ic
c apac it an ce o f a r ound 7pF .
OS C1
OS C2
Rf
Crystal/Resonator Oscillator – HXT
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
1�MHz
0pF
0pF
8MHz
0pF
0pF
�MHz
0pF
0pF
1MHz
100pF
100pF
�ote: C1 and C� values a�e fo� guidance only.
Crystal Recommended Capacitor Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com